Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS1206GPX7RDBB103 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CS1206GPX7RDBB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1206GPX7RDBB103 Datasheet(HTML) 5 Page - YAGEO Corporation

  CS1206GPX7RDBB103 Datasheet HTML 1Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 2Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 3Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 4Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 5Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 6Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 7Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 8Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 3 NPO / 0402 to 0805
CAPACITANCE RANGE & THICKNESS
CAP.
0402
0603
0805
50V
100V
50V
100V
250V
50V
100V
250V
500V
630V
1000V
120 pF
CA
CA
DA
DA
DA
EA
EA
EA
EA
EA
150 pF
CA
CA
DA
DA
DA
EA
EA
EA
EA
EA
180 pF
CA
DA
DA
DA
EA
EA
EA
EA
EA
220 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
270 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
330 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
390 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
470 pF
CA
DA
DA
DA
EA
EA
EB
EB
EB
560 pF
DA
DA
DA
EA
EA
EB
EC
680 pF
DA
DA
DA
EA
EA
EB
EC
820 pF
DA
DA
EA
EA
EB
EC
1.0 nF
DA
DA
EA
EA
EB
EC
1.2 nF
DA
EB
EB
EC
1.5 nF
DA
EB
EB
EC
1.8 nF
DA
EB
EB
EC
2.2 nF
DA
EC
EC
EC
2.7 nF
DA
EC
EC
EC
3.3 nF
DA
EC
EC
EC
3.9 nF
EC
EC
EC
4.7 nF
EC
EC
EC
5.6 nF
EC
EC
6.8 nF
EC
EC
8.2 nF
EC
EC
10 nF
EC
EC
Tape width
8 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request
3. For product with 2% tolerance, please contact local sales force before ordering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com