Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP606 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 11Page - Microchip Technology MCP606 Datasheet HTML 12Page - Microchip Technology MCP606 Datasheet HTML 13Page - Microchip Technology MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology MCP606 Datasheet HTML 18Page - Microchip Technology MCP606 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
  0LFURFKLS 7HFKQRORJ\ ,QF
'6& SDJH 
0&3

7:2 23$03 ,167580(17$7,21
$03/,),(5
7KH WZR RS DPS LQVWUXPHQWDWLRQ DPSOLILHU VKRZQ LQ
)LJXUH  VHUYHV WKH IXQFWLRQ RI WDNLQJ WKH GLIIHUHQFH
RI WZR LQSXW YROWDJHV OHYHO VKLIWLQJ WKHQ DQG SURYLGLQJ
D VLQJOH RXWSXW 7KLV FRQILJXUDWLRQ LV EHVW VXLWHG IRU
KLJKHU JDLQV ³ JDLQ!  99 ´ LVVKRZQLQ)LJXUH 
7KH NH\ VSHFLILFDWLRQV WKDW PDNH WKH 0&3
 IDPLO\ DSSURSULDWH IRU WKLV DSSOLFDWLRQ FLUFXLW
DUH ORZ LQSXW ELDV FXUUHQW ORZ RIIVHW YROWDJH DQG KLJK
FRPPRQPRGHUHMHFWLRQ7KH UHIHUHQFH YROWDJHRI WKLV
FLUFXLW LV VXSSOLHG WR WKH ILUVW RS DPS LQ WKH VLJQDO FKDLQ
7\SLFDOO\ WKLV YROWDJH LV KDOI RI WKH VXSSO\ YROWDJH LQ D
VLQJOH VXSSO\ HQYLURQPHQW
),*85(  7ZR 2S $PS ,QVWUXPHQWDWLRQ $PSOLILHU

7+5((23 $03,167580(17$7,21
$03/,),(5
$ FODVVLF WKUHH RS DPS LQVWUXPHQWDWLRQ DPSOLILHU LV
LOOXVWUDWHG LQ )LJXUH  7KH LQSXW RSHUDWLRQDO DPSOLIL
HUV LQ WKLV FLUFXLW SURYLGH VLJQDO JDLQ 7KH RXWSXW RSHUD
WLRQDO DPSOLILHU FRQYHUWV WKH VLJQDO IURP WZR LQSXWV WR D
VLQJOH HQGHG RXWSXW ZLWK D GLIIHUHQFH DPSOLILHU 7KH
JDLQ RI WKLV FLUFXLW LV VLPSO\ DGMXVWHG ZLWK RQH UHVLVWRU
5* 7KH UHIHUHQFH YROWDJH RI WKH GLIIHUHQFH VWDJH RI
WKLVLQVWUXPHQWDWLRQ DPSOLILHU LV FDSDEOH RI VSDQQLQJD
ZLGH UDQJH 0RVW W\SLFDOO\ WKLV QRGH LV UHIHUHQFHG WR
KDOI RI WKH VXSSO\ YROWDJH LQ D VLJQDO VXSSO\ DSSOLFDWLRQ
),*85(  7KUHH 2S $PS ,QVWUXPHQWDWLRQ
$PSOLILHU

35(&,6,21*$,1:,7+*22'/2$'
,62/$7,21
,Q )LJXUH  WKH ORZ LQSXW RIIVHW YROWDJH RI WKH
0&3 LV XVHG WR LPSOHPHQW D FLUFXLW ZLWK D KLJK JDLQ
7KLV SUHFLVLRQ PHDVXUHPHQW FDQ HDVLO\ EH GLVUXSWHG E\
FKDQJLQJ WKH RXWSXW FXUUHQW GULYH RI WKH GHYLFH WKDW LV
GRLQJ WKH DPSOLILFDWLRQ ZRUN &RQVHTXHQWO\ WKH SUHFL
VLRQ DPSOLILHU FRQILJXUDWLRQ LV IROORZHG E\ D 0&3
DPSOLILHU ZKLFK LV FDSDEOH RI GULYLQJ KLJKHU FXUUHQWV
6LQFH WKHWZR DPSOLILHUV DUH KRXVHG LQ VHSDUDWH SDFN
DJHV WKHUH LV PLQLPDO FKDQJH LQ RIIVHW YROWDJH RI WKH
0&3 GXH WR ORDGLQJ HIIHFWV
),*85(  3UHFLVLRQ *DLQZLWK*RRG/RDG
,VRODWLRQ
9287
9 9
±
() 
5
5

5
5*




95()
5
95()
5
5*
9''
5
5
9
9
0&3
0&3
9287
%\SDVV &DSDFLWRU P)
ò
ò
9287
9 9
±
() 
5
5*



 5
5




95()
9
0&3
5
5
9''
0&3
9287
5
95()
5*
9
0&3
5
5
5
%\SDVV &DSDFLWRU —)
9''
ò
ò
ò
5
5
9287
%XIIHU
9''
9,1
3UHFLVLRQ $PSOLILHU
0&3
%\SDVV &DSDFLWRU —)
9''
0&3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com