Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP606 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP606
Description  2.5V TO 5.5V MICROPOWER CMOS OP AMPS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP606 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP606 Datasheet HTML 14Page - Microchip Technology MCP606 Datasheet HTML 15Page - Microchip Technology MCP606 Datasheet HTML 16Page - Microchip Technology MCP606 Datasheet HTML 17Page - Microchip Technology MCP606 Datasheet HTML 18Page - Microchip Technology MCP606 Datasheet HTML 19Page - Microchip Technology MCP606 Datasheet HTML 20Page - Microchip Technology MCP606 Datasheet HTML 21Page - Microchip Technology MCP606 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
0&3
'6& SDJH 
  0LFURFKLS 7HFKQRORJ\ ,QF
RST
58
59
1E3
DST
59
55
DX
VST
58
4
1.6
GCMP2
23 4 POLY(2) 57 56 58 59 0 0 0;0 -0.5E-3 0.5E-3
*Input errors (vos, en, psr)
ERR
64
1
poly(2) (67,4) (3, 4) -229.9e-6 1 23e-6
*Second Stage, pole at 0.183Hz
GS
23
4
8
9
543.78e-6
R1
23
4
8.2144e9
C2
23
4
110e-12
VSOM
3
24
4.784
VSOP
25
4
-3.98
DSOM
23
24
DY
DSOP
25
23
DY
*HCM
23
3
VCMP
FS 3 4 POLY(11) VO3 VO5 VO4 VO6 VO1 VO2 VO9 VO10 VMID1 VSOP VSOM
+ 200E-6 -1 -1 -1 1 -1 -1 1 1 -1 -1 -1
*mid-supply reference
RMID1
3
35
61.62E3
VMID1
35
34
0
RMID2
4
34
61.62E3
ELEVEL
34
4
23
4
-1
*output stage
DO3
34
43
DY
DO4
44
34
DY
DO5
3
45
DY
DO6
3
46
DY
DO7
4
45
DY
DO8
4
46
DY
VO3
43
5
0.1
VO4
5
44
0.03
GO5
3
47
3
34
10E-3
VO5
47
5
0
GO6
4
48
34
4
10E-3
VO6
48
5
0
GO1
49
4
5
34
10E-3
VO1
49
45
0
GO2
50
4
34
5
10E-3
VO2
50
46
0
RO9
3
51
100
VO9
51
5
0
RO10
52
4
100
VO10
52
5
0
* input voltage noise
VN1
65
4
0.6
DN1
65
67
DX
RN1
67
4
10E3
.model Ptype PMOS L=2 W=105
.model DY D (IS=1e-15 BV =50)
.model DX D (IS=1e-18 AF=0.6 KF=10e-17)
.ENDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com