Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

150AAS24-F Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # 150AAS24-F
Description  Over-Voltage/Load/Temperature & Short Circuit protections
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

150AAS24-F Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  150AAS24-F Datasheet HTML 1Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 2Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 3Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 4Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 5Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 6Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 7Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 8Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
24Volt, 150Watt / MDS-150AAS24 F/B
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)
3
(a) 115V
(b) 230V
Fig. 2 Ripple & Noise example, 20MHz BW
Ripple & Noise measurement circuit
0.47uF Ceramic
10uF Electrolytic
PSU
Load
Test Fixture
5cm
Scope
Mechanical
Case Chassis
PC
Case Cover
PC
Dimensions(W x Lx H)
85.0x 170.0x40.0 mm
Unit Weight
1.1kg (39.6 ounces)
Indicator
NA
Cooling System
NA
Terminal
Input
C14 socket
Output
4pin Din / Barrel type / Tuning fork type
Environment
Surrounding Air Temperature
Operating
0°C to +40°C
Storage
-40°C to +85°C
Operating Humidity
10-95% RH (Non-Condensing)
Operating Altitude
3,000 meters (9842.52 feet)
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2.09Grms, 20 minute for each three axis



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com