Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

150AAS24-F Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # 150AAS24-F
Description  Over-Voltage/Load/Temperature & Short Circuit protections
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

150AAS24-F Datasheet(HTML) 6 Page - Delta Electronics, Inc.

  150AAS24-F Datasheet HTML 1Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 2Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 3Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 4Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 5Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 6Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 7Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 8Page - Delta Electronics, Inc. 150AAS24-F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
24Volt, 150Watt / MDS-150AAS24 F/B
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)
6
Item Device Description
1
Cover
2
Chassis
3
Power Cord
4
Socket
Block Diagram
Dimensions
W x L x H: 85.0 x 170.0 x 40.0 mm mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com