Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DPS-2000CBA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DPS-2000CBA
Description  550-2000W 1U Front End AC-DC Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-2000CBA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DPS-2000CBA Datasheet HTML 3Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 4Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 5Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 6Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 7Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 8Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 9Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 10Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CRPS
550-2000W 1U Front End AC-DC Power Supply
CRPS_10052016
E-mail: EPSBG_info@deltaww.com
http://www.deltaww.com/epsbg
P7
A2
GND
B2
GND
A3
GND
B3
GND
A4
GND
B4
GND
A5
GND
B5
GND
A6
GND
B6
GND
A7
GND
B7
GND
A8
GND
B8
GND
A9
GND
B9
GND
A10
+12V
B10
+12V
A11
+12V
B11
+12V
A12
+12V
B12
+12V
A13
+12V
B13
+12V
A14
+12V
B14
+12V
A15
+12V
B15
+12V
A16
+12V
B16
+12V
A17
+12V
B17
+12V
A18
+12V
B18
+12V
A19
SDA
B19
A0
A20
SCL
B20
A1
A21
PSON
B21
12VSB
A22
SMB-ALERT
B22
CR_1
A23
RETRUN_S
B23
12LS
A24
+12VRS
B24
NC
A25
PWOK
B25
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com