Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DPS-2000CBA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DPS-2000CBA
Description  550-2000W 1U Front End AC-DC Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DPS-2000CBA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DPS-2000CBA Datasheet HTML 1Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 2Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 3Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 4Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 5Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 6Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 7Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 8Page - Delta Electronics, Inc. DPS-2000CBA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CRPS
550-2000W 1U Front End AC-DC Power Supply
CRPS_10052016
E-mail: EPSBG_info@deltaww.com
http://www.deltaww.com/epsbg
P1
FEATURES
80 PLUS Plantinum Efficiency
12V main output
12V standby output
1U height
Redundant (1+1) operation
Power Factor Correction
Overvoltage, overcurrent, overtemperature protection
Remote on/off control
Remote sense
Internal cooling fan (variable speed)
PMBus interface
RoHS compliant
Three year warranty
Model List
Model
Number
Input
Voltage
Range
Output
Main
Voltage
Output
Current
Range
Output
Standby
Voltage
Output
Standby
Voltage
Rated
Power
AC Input
Current
Inrush
Current
Efficiency
VAC
VDC
A
VDC
A
W
A
A
%
DPS-550AB-11 D
90~264
12
1~45
12
0~3
550
<7.1 (100~127VAC)
<3.4 (200~240VAC)
<60
94 @ 50% load
DPS-800AB-16 F
0~65
0~2
800
<9.4 (100~127VAC)
<4.72 (200~240VAC)
<55
DPS-1200AB-4 G
0.5~82 (LL)
0.5~98 (HL)
1000 (LL)
1200 (HL)
<12.47 (100~127VAC)
<7.08 (200~240VAC)
DPS-1600AB-12 A
0.1~82 (LL)
0.1~132 (HL)
1000 (LL)
1600 (HL)
<12 (100~127VAC)
<9.48 (200~240VAC)
<40
DPS-2000CB A
1~73 (90~99VAC)
1~82 (100~127VAC)
1~132 (180~199VAC)
1~148 (200~219VAC)
1~162 (220~240VAC)
0.05~2
1000 (LL)
2000 (HL)
<12.5 (100~127VAC)
<10 (200~240VAC)
<35
Input Characteristics
Parameter
Frequency
47~63 Hz
Power Factor
>0.95 @ 50% load
Leakage Current
<1mA @ 240VAC/50Hz for DPS-550AB-11 D, DPS-2000CB A only
<1.75mA @ 240VAC/50Hz for DPS-800AB-16 F only
<0.875mA @ 240VAC/50Hz for DPS-1200AB-4 G, DPS-1600AB-12 A only


Similar Part No. - DPS-2000CBA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-200PB-127 DELTA-DPS-200PB-127 Datasheet
108Kb / 1P
Complies with ATX 12V V1.1
DPS-200PB-143 DELTA-DPS-200PB-143 Datasheet
117Kb / 1P
Complies with SFX 12V V2.1
More results

Similar Description - DPS-2000CBA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
2000W Front End Power Supply
logo
Murata Manufacturing Co...
D1U3CS-W-850-12-HC4C MURATA-D1U3CS-W-850-12-HC4C Datasheet
273Kb / 6P
81mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-1200-12-HC4C MURATA-D1U3CS-W-1200-12-HC4C Datasheet
273Kb / 6P
81mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
86mm 1U Front End AC-DC Power Supply
D1U54P-W-650-12-HBXC MURATA-PS-D1U54P-W-650-12-HBXC Datasheet
1Mb / 9P
54mm 1U Front End AC-DC Power Supply Converter
D1U54P-W-1200-12-HXXC MURATA-PS-D1U54P-W-1200-12-HXXC Datasheet
220Kb / 8P
54mm 1U Front End AC-DC Power Supply Converter
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
86mm 1U Front End AC-DC Power Supply
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
54mm 1U Front End AC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
81mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com