Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHRFSWK31693-R21-A Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRFSWK31693-R21-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFSWK31693-R21-A Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRFSWK31693-R21-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
.Bin Code
PART NO. LHRFSWK31693/R21/A
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 3/9
HRF(S)
WK
A27
A26
Max.
Min.
A25
A24
A23
1500
1800
Luminous Intensity(mcd) at 20mA
Group
2200
2700
3400
4000
A28
5000
1800
2200
2700
3400
4000
A30
A29
6200
5000
7700
6200
3400
A27
A28
4000
A26
2700
4000
5000
3400
Luminous Intensity(mcd) at 20mA
Group
A25
2200
Min.
2700
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com