Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LHRFSWK31693-R21-A Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LHRFSWK31693-R21-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFSWK31693-R21-A Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LHRFSWK31693-R21-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1.0
0.5
700
650
0
600
550
Wavelength (nm)
100
80
1.2
1.06
Fig.3 Forward Voltage vs. Temperature
1.0
0.8
0.4
0.6
1.04
1.02
0.98
1.00
60
20
40
0
-40
-20
100
80
60
40
0.0
20
0
-20
-40
0.94
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
0.96
0.2
Ambient Temperature(
℃)
Fig.4 Luminous Intensity vs. Temperature
150
6.0
150
Fig.1 Forward current vs. Forward Voltage
4.0
2.0
1.0
3.0
100
50
100
0
50
3.0
2.5
2.0
0.0
0
1.0
0.5
0
1.5
Forward Voltage(V)
5.0
Fig.2 Luminous Intensity vs. Forward Current
Forward Current(mA)
PART NO. LHRFSWK31693/R21/A
Page5/9
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
HRF(S) CHIP
Typical Electro-Optical Characteristics Curve
0
°
100%
25%
75% 50%
25%
0
50% 75%
-30
°
30
°
Fig.6 Directivity Radiation
100%
-60
°
60
°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com