Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRGB9Q53-R3-TR1 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LRGB9Q53-R3-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9Q53-R3-TR1 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LRGB9Q53-R3-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1.0
40
Ambient Temperature(
℃)
650
700
550
600
Wavelength (nm)
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
1.0
0.5
0
0.9
0.8
-0
-40
-20
20
40
60
80
100
0
-40
-20
0.5
-0
20
60
80
100
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage(V)
Fig.3 Forward Voltage vs. Temperature
1.2
1.1
1.0
10
1.0
0.1
100
1.0
1.5
2.0
1.5
2.0
2.5
3.0
3.0
2.5
1.0
1.0
0.5
0
10
2.0
1.5
2.5
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
URF CHIP
1000
3.5
1000
100
Page 4/12
Fig.6 Directive Radiation
550
-60
°
100%
50%
75%
25%
-30
°
60
°
75%
0
25%
50%
100%
30
°
0
°
PART NO. LRGB9Q53/R3/TR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com