Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRGB9Q53-R3-TR1 Datasheet(PDF) 10 Page - LIGITEK electronics co., ltd.

Part # LRGB9Q53-R3-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9Q53-R3-TR1 Datasheet(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LRGB9Q53-R3-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 9/12
Box Explanation
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3. 10 INNER BOXES / CARTON
4. CARTON SIZE : L X W X H 58cm X 34cm x 35cm
W
L
H
W
H
L
1. 4 BAG / INNER BOX
2. INNER BOX SIZE : L X W X H 23cm X 8.5cm x 26cm
PART NO. LRGB9Q53/R3/TR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com