Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE24AC04.08.16 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE24AC04.08.16
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC04.08.16 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24AC04.08.16 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ACE24AC04.08.16
Two-wire Serial EEPROM
VER 1.2
5
Figure 2: Timing diagram for output acknowledge
Device Addressing
The 2-wire serial bus protocol mandates an 8 bits device address word after a start bit condition to
invoke valid read or write command. The first four most significant bits of the device address must be
1010, which is common to all serial EEPROM devices. The next three bits are device address bits.
These three device address bits (5
th
, 6
th
and 7
th
) are to match with the external chip select/address
pin states. If a match is made, the EEPROM device outputs an acknowledge signal after the 8th
read/write bit, otherwise the chip will go into standby mode. However, matching may not be needed
for some or all device address bits (5
th
, 6
th
and 7
th
) as noted below. The last or 8th bit is a read/write
command bit. If the 8th bit is at VIH then the chip goes into read mode. If a “0” is detected, the device
enters programming mode.
ACE24AC04 uses A2 (5
th
) and A1 (6
th
) device address bits. Only four ACE24AC04 devices can be
wired-OR on the same 2-wire bus. Their corresponding chip select address pins A2 and A1 must be
hard wired and coded from 00 (b) to 11 (b). Chip select address pin A0 is not used.
ACE24AC08 uses only A2 (5
th
) device address bit. Only two ACE24AC08 devices can be wired-OR
on the same 2-wire bus. Their corresponding chip select address pin A2 must be hard-wired and
coded from 0 (b) to 1 (b). Chip select address pins A1 and A0 are not used.
ACE24AC16 does not use any device address bit. Only one ACE24AC16 device can be used on the
on 2-wire bus. Chip Select address pins A2, A1, and A0 are not used.
Write Operations
A.
Byte Write
A byte write operation starts when a micro-controller sends a start bit condition, follows by a proper
EEPROM device address and then a write command. If the device address bits match the chip
select address, the EEPROM device will acknowledge at the 9
th clock cycle. The micro-controller will
then send the rest of the lower 8 bits word address. At the 18
th cycle, the EEPROM will acknowledge
the 8-bit address word. The micro-controller will then transmit the 8 bit data. Following an
acknowledge signal from the EEPROM at the 27
th clock cycle, the micro-controller will issue a stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com