Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE24AC04.08.16 Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24AC04.08.16
Description  Two-wire Serial EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC04.08.16 Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24AC04.08.16 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24AC04.08.16
Two-wire Serial EEPROM
VER 1.2
6
bit. After receiving the stop bit, the EEPROM will go into a self-timed programming mode during
which all external inputs will be disabled. After a programming time of TWC, the byte programming will
finish and the EEPROM device will return to the standby mode.
B.
Page Write
A page write is similar to a byte write with the exception that one to sixteen bytes can be
programmed along the same page or memory row. All ACE24AC04.08.16 are organized to have 16
bytes per memory row or page.
With the same write command as the byte write, the micro-controller does not issue a stop bit after
sending the 1
st byte data and receiving the acknowledge signal from the EEPROM on the 27th clock
cycle. Instead it sends out a second 8-bit data word, with the EEPROM acknowledging at the 36
th
cycle. This data sending and EEPROM acknowledging cycle repeats until the micro-controller sends
a stop bit after the n × 9
th clock cycle. After which the EEPROM device will go into a self- timed partial
or full page programming mode. After the page programming completes after a time of TWC, the
devices will return to the standby mode.
The least significant 4 bits of the word address (column address) increments internally by one after
receiving each data word. The rest of the word address bits (row address) do not change internally,
but pointing to a specific memory row or page to be programmed. The first page write data word can
be of any column address. Up to 16 data words can be loaded into a page.
If more then 16 data
words are loaded, the 17
th
data word will be loaded to the 1
st
data word column address. The 18
th
data word will be loaded to the 2
nd
data word column address and so on.
In other word, data word
address (column address) will “roll” over the previously loaded data.
C.
Acknowledge Polling
Acknowledge polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9
th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the standby mode, the device will return a valid
acknowledge signal at the 9
th clock cycle.
Read Operations
The read command is similar to the write command except the 8th read/write bit in address word is set to
“1”. The three read operation modes are described as follows:
(A)
Current Address Read
The EEPROM internal address word counter maintains the last read or write address plus one if the
power supply to the device has not been cut off. To initiate a current address read operation, the
micro-controller issues a start bit and a valid device address word with the read/write bit (8th) set
to
“1”. The EEPROM will response with an acknowledge signal on the 9th serial clock cycle. An
8-bit data word will then be serially clocked out. The internal address word counter will then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com