Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA231AIYFDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 3 Page - Texas Instruments

  INA231AIYFDR Datasheet HTML 1Page - Texas Instruments INA231AIYFDR Datasheet HTML 2Page - Texas Instruments INA231AIYFDR Datasheet HTML 3Page - Texas Instruments INA231AIYFDR Datasheet HTML 4Page - Texas Instruments INA231AIYFDR Datasheet HTML 5Page - Texas Instruments INA231AIYFDR Datasheet HTML 6Page - Texas Instruments INA231AIYFDR Datasheet HTML 7Page - Texas Instruments INA231AIYFDR Datasheet HTML 8Page - Texas Instruments INA231AIYFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
NC
IN+
BUS
SCL
SDA
A0
A1
ALERT
IN-
GND
VS
NC
Columns
1
2
3
A
B
C
D
3
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
DESCRIPTION
INA209
Current and power monitor with watchdog, peak-hold, and fast comparator functions
INA210, INA211, INA212, INA213, INA214,
INA215
Zerø-drift, low-cost, analog current shunt monitor series in small package
INA219
Zerø-drift, bidirectional current power monitor with two-wire interface
INA226
High or Low-side, bidirectional current and power monitor with two-wire interface and programmable alert
6 Pin Configuration and Functions
YFF and YFD Packages
12-Pin WCSP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
A0
B3
DI
Address pin. Connect to GND, SCL, SDA, or VS. Table 2 shows pin settings and corresponding
addresses.
A1
C3
DI
Address pin. Connect to GND, SCL, SDA, or VS. Table 2 shows pin settings and corresponding
addresses.
ALERT
A3
DO
Multi-functional alert, open-drain output.
GND
C1
A
Ground
NC
B2, C2
—
No internal connection
SCL
A1
DI
Serial bus clock line, open-drain input.
SDA
A2
D I/O
Serial bus data line, open-drain input/output.
BUS
D1
AI
Bus voltage input
IN–
D2
AI
Negative differential shunt voltage input. Connect to load side of shunt resistor.
IN+
D3
AI
Positive differential shunt voltage input. Connect to supply side of shunt resistor.
VS
B1
A
Power supply pin, 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com