Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA231AIYFDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFDR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA231AIYFDR Datasheet HTML 5Page - Texas Instruments INA231AIYFDR Datasheet HTML 6Page - Texas Instruments INA231AIYFDR Datasheet HTML 7Page - Texas Instruments INA231AIYFDR Datasheet HTML 8Page - Texas Instruments INA231AIYFDR Datasheet HTML 9Page - Texas Instruments INA231AIYFDR Datasheet HTML 10Page - Texas Instruments INA231AIYFDR Datasheet HTML 11Page - Texas Instruments INA231AIYFDR Datasheet HTML 12Page - Texas Instruments INA231AIYFDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
1
10
100
1,000
10,000
Frequency (kHz)
500
450
400
350
300
1
10
100
1,000
10,000
Frequency (kHz)
300
250
200
150
100
50
0
100
200
300
400
500
−50
−25
0
25
50
75
100
125
Temperature (°C)
G015
1.6
1.8
2
2.2
2.4
2.6
−50
−25
0
25
50
75
100
125
Temperature (°C)
G016
16
18
20
22
24
−50
−25
0
25
50
75
100
125
Temperature (°C)
G013
20
60
100
140
180
220
260
−50
−25
0
25
50
75
100
125
Temperature (°C)
G014
9
INA231
www.ti.com
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSENSE = (VIN+ – VIN–) = 0 mV, and VBUS = 12 V (unless otherwise noted)
Figure 14. Input Bias Current vs Temperature
Figure 15. Input Bias Current vs Temperature, Shutdown
Figure 16. Active IQ vs Temperature
Figure 17. Shutdown IQ vs Temperature
Figure 18. Active IQ vs I
2C Clock Frequency
Figure 19. Shutdown IQ vs I
2C Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com