Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45FH4MA Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45FH4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4MA Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45FH4MA Datasheet HTML 43Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 44Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 45Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 46Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 47Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 48Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 49Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 50Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 145 page
background image
Rev. 1.20
��
De�e��e� 1�� 201�
Rev. 1.20
�7
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
CTRL Register
Bit
7
6
5
4
3
2
1
0
Na�e
FSYSON
—
—
—
—
LVRF
LRF
WRF
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
x
0
0
Bit 7
FSYSON: fSYS Cont�ol in IDLE Mode
Des��i�e elsewhe�e.
Bit �~3
Uni�ple�ented� �ead as "0"
Bit 2
LVRF: LVR function reset flag
Describeelsewhere.
Bit1
LRF:LVRControlregistersoftwareresetflag
Describeelsewhere.
Bit0
WRF:WDTControlregistersoftwareresetflag
0:Notoccur
1:Occurred
Thisbitissetto1bytheWDTControlregistersoftwareresetandclearedbytheapplication
program.Notethatthisbitcanonlybeclearedto0bytheapplicationprogram.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theclearWDTinstructionwillnotbeexecutedin
thecorrectmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Thereare
fivebits,WE4~WE0,intheWDTCregistertoenabletheWDTfunction.WhentheWE4~WE0bits
valueisequalto01010Bor10101B,theWDTfunctionisenabled.However,iftheWE4~WE0bits
arechangedtoanyothervaluesexcept01010Band10101B,whichiscausedbytheenvironmental
noise,itwillresetthemicrocontrollerafter2~3LIRCclockcycles.
WE4 ~ WE0 Bits
WDT Function
01010B o� 10101B
Ena�le
Any othe� value
Reset MCU
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.ThreemethodscanbeadoptedtoclearthecontentsoftheWatchdogTimer.
ThefirstisaWDTreset,whichmeansacertainvalueiswrittenintotheWE4~WE0bitfiledexcept
01010Band10101B,thesecondisusingtheWatchdogTimersoftwareclearinstructionsandthe
thirdisviaaHALTinstruction.
ThereisonlyonemethodofusingsoftwareinstructiontocleartheWatchdogTimer.Thatistouse
thesingle“CLRWDT”instructiontocleartheWDT.
Themaximumtime-outperiodiswhenthe218divisionratioisselected.Asanexample,witha32
kHzLIRCoscillatorasitssourceclock,thiswillgiveamaximumwatchdogperiodofaround8
secondsforthe218divisionratio,andaminimumtimeoutof7.8msforthe28divisionration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com