Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45FH4MA Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT45FH4MA
Description  Power Bank Flash MCU
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FH4MA Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT45FH4MA Datasheet HTML 67Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 68Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 69Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 70Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 71Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 72Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 73Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 74Page - Holtek Semiconductor Inc HT45FH4MA Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
Rev. 1.20
70
De�e��e� 1�� 201�
Rev. 1.20
71
De�e��e� 1�� 201�
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
HT45F4MA/HT45FH4MA/HT45FH4MA-1
Power Bank Flash MCU
Timer/Counter Mode
Toselectthismode,bitsT0M1andT0M0intheTM0C1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheTMoutput
pinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompareMatch
OutputModecanbeusedtounderstanditsfunction.AstheTMoutputpinisnotusedinthismode,
thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsT0M1andT0M0intheTM0C1registershouldbesetto10respectivelyand
alsotheT0IO1andT0IO0bitsshouldbesetto10respectively.ThePWMfunctionwithintheTMis
usefulforapplicationswhichrequirefunctionssuchasmotorcontrol,heatingcontrol,illumination
controletc.ByprovidingasignaloffixedfrequencybutofvaryingdutycycleontheTMoutputpin,a
squarewaveACwaveformcanbegeneratedwithvaryingequivalentDCRMSvalues.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMmode,theT0CCLRbithasnoeffectasthePWM
period.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,oneregister
isusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,whiletheother
oneisusedtocontrolthedutycycle.Whichregisterisusedtocontroleitherfrequencyordutycycle
isdeterminedusingtheT0DPXbitintheTM0C1register.
ThePWMwaveformfrequencyanddutycyclecanthereforebecontrolledbythevaluesinthe
CCRAandCCRPregisters.Aninterruptflag,oneforeachoftheCCRAandCCRP,willbe
generatedwhenacomparematchoccursfromeitherComparatorAorComparatorP.TheT0OCbit
IntheTM0C1registerisusedtoselecttherequiredpolarityofthePWMwaveformwhilethetwo
T0IO1andT0IO0bitsareusedtoenablethePWMoutputortoforcetheTMoutputpintoafixed
highorlowlevel.TheT0POLbitisusedtoreversethepolarityofthePWMoutputwaveform.
• 16-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=0
CCRP
1~255
0
Pe�iod
CCRP×25�
�553�
Duty
CCRA
IffSYS=7.5MHz,TMclocksourceisfSYS/4,CCRP=2andCCRA=128,
TheSTMPWMoutputfrequency=(fSYS/4)/512=fSYS/2048=3.66kHz,duty=128/512=25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.
• 16-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=1
CCRP
1~255
0
Pe�iod
CCRA
Duty
CCRP×25�
�553�
ThePWMoutputperiodisdeterminedbytheCCRAregistervaluetogetherwiththeTMclock
whilethePWMdutycycleisdefinedbythe(CCRP×256)exceptwhentheCCRPvalueisequalto0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com