Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5Q Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
Rev. 1.10
10
De�e��e� 1�� �01�
Rev. 1.10
11
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
A.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
Syste� Clo�k (HIRC)
�.�~5.5V
fSYS = fHIRC = 8MHz
—
8
—
MHz
Syste� Clo�k (LIRC)
fSYS = fLIRC = ��kHz
—
��
—
kHz
fHIRC
Syste� Clo�k (HIRC)
�V/5V
Ta = �5°C
-�%
8
+�% MHz
�V/5V
Ta = 0°C to 70°C
-5%
8
+5% MHz
�.�V~5.5V Ta = 0°C to 70°C
-8%
8
+8% MHz
�.�V~5.5V Ta = -40°C to 85°C
-1�%
8
+1�% MHz
fLIRC
Syste� Clo�k (LIRC)
�.�V~5.5V Ta = -40°C to 85°C
4
��
80
kHz
tTC
STM Input Pin Mini�u� Pulse
Width
—
—
0.�
—
—
μs
tRES
Exte�nal Reset Mini�u� Low
Pulse Width
—
—
10
—
—
μs
tINT
Exte�nal Inte��upt Mini�u�
Pulse Width
—
—
0.�
—
—
μs
tEERD
EEPROM Read Ti�e
—
—
—
�
5
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
—
�
5
�s
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Halt� fSYS off at
Halt� Reset Pin Reset)
—
fSYS = fH ~ fH / �4� fH = fHIRC
10
1�
��
tHIRC
—
fSYS = fSUB = fLIRC
�
—
—
tLIRC
Syste� sta�t-up Ti�e� Pe�iod
(Wake-up f�o� Halt� fSYS on at
Halt State)
—
fSYS = fLIRC
1
�
5
tSYS
tRSTD
Syste� Reset Delay Ti�e
(POR Reset� LVR ha�dwa�e
Reset� LVR softwa�e Reset�
WDT Softwa�e Reset� Reset
Cont�ol Registe� Softwa�e
Reset)
—
—
10
50
100
�s
Syste� Reset Delay Ti�e
(Reset Pin Reset� WDT Ti�e-
out Ha�dwa�e Cold Reset)
—
—
10
1�.7
50
�s
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com