Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F65 Datasheet(PDF) 159 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 159 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 155Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 156Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 157Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 158Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 159Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 160Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 161Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 162Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 163Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 231 page
background image
Rev. 1.60
1�8
�ove��e� ��� �01�
Rev. 1.60
1�9
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
SC K (C KP OL B= 1)
SC K (C KP OL B= 0)
SD O
SC S
SD I Da ta C apt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S IM D
(S DO c hanges a s s oon as w ri ti ng o ccu rs ; S DO i s fl oa ti ng i f S CS =1 )
No te :F or S PI s la ve m ode, i f SI M EN =1 a nd CS EN =0 , S PI i s al wa ys enabl ed
and ig nor es t he SC S le ve l.
SPI Slave Mode Timing – CKEG=1
SI ME N =1
Wr it e Da ta
in to S IM D
WC OL =1 ?
Cl ea r WC OL
Y
Tr an sm i ssi on
co mp le te d ?
(T RF =1 ? )
N
Y
Re ad D at a
fr om S IM D
Cl ea r TR F
Tr an sf er
F in is hed?
N
Y
EN D
ma st er o r
sl av e
?
Ma st er
Sl av e
A
A
SPI t ra ns fe r
Co nf ig ur e C KPO LB ,
C KEG , C SEN a nd M LS
SI M[ 2: 0] =0 00 ,
001, 010, 011 o r 100
SI M[ 2: 0] =1 01
N
SPI Transfer Control Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com