Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10RFAA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F10RFAA
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F10RFAA Datasheet HTML 1Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 2Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 3Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 4Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 5Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 6Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 7Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 8Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
RL78/L12
1. OUTLINE
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 4 of 131
Pin count
Package
Fields of
Application
Note
Part Number
32 pins
32-pin plastic LQFP (7
× 7)
A
G
R5F10RB8AFP, R5F10RBAAFP, R5F10RBCAFP
R5F10RB8GFP, R5F10RBAGFP, R5F10RBCGFP
44 pins
44-pin plastic LQFP (10
× 10)
A
G
R5F10RF8AFP, R5F10RFAAFP, R5F10RFCAFP
R5F10RF8GFP, R5F10RFAGFP, R5F10RFCGFP
48 pins
48-pin plastic LQFP (fine pitch)
(7
× 7)
A
G
R5F10RG8AFB, R5F10RGAAFB, R5F10RGCAFB
R5F10RG8GFB, R5F10RGAGFB, R5F10RGCGFB
52 pins
52-pin plastic LQFP (10
× 10)
A
G
R5F10RJ8AFA, R5F10RJAAFA, R5F10RJCAFA
R5F10RJ8GFA, R5F10RJAGFA, R5F10RJCGFA
64 pins
64-pin plastic WQFN (8
× 8)
A
G
R5F10RLAANB, R5F10RLCANB
R5F10RLAGNB, R5F10RLCGNB
64-pin plastic LQFP (fine pitch)
(10
× 10)
A
G
R5F10RLAAFB, R5F10RLCAFB
R5F10RLAGFB, R5F10RLCGFB
64-pin plastic LQFP (12
× 12)
A
G
R5F10RLAAFA, R5F10RLCAFA
R5F10RLAGFA, R5F10RLCGFA
Note For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/L12.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com