Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E160ASOTR-E Datasheet(PDF) 26 Page - STMicroelectronics

Part # VN5E160ASOTR-E
Description  Single channel high-side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160ASOTR-E Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VN5E160ASOTR-E Datasheet HTML 22Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 23Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 24Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 25Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 26Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 27Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 28Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 29Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Application information
VN5E160ASO-E
26/37
Doc ID 022475 Rev. 5
3.4
Current sense and diagnostic
The current sense pin performs a double function (see Figure 33: Current sense and
diagnostic):
●
Current mirror of the load current in normal operation, delivering a current
proportional to the load current according to a known ratio KX.
The current ISENSE can be easily converted to a voltage VSENSE by means of an
external resistor RSENSE. Linearity between IOUT and VSENSE is ensured up to 5 V
minimum (see parameter VSENSE in Table 9: Current sense (8 V < VCC < 18 V)). The
current sense accuracy depends on the output current (refer to current sense electrical
characteristics Table 9: Current sense (8 V < VCC < 18 V)).
●
Diagnostic flag in fault conditions, delivering a fixed voltage VSENSEH up to a
maximum current ISENSEH in case of the following fault conditions (refer to
Table 11: Truth table):
–
Power limitation activation
–
Overtemperature
–
Short to VCC in OFF-state
–
Open-load in OFF-state with additional external components.
A logic high-level on the CS_DIS pin simultaneously sets all the current sense pins of the
device in a high impedance state, thus disabling the current monitoring and diagnostic
detection. This feature allows multiplexing of the microcontroller analog inputs by sharing
the sense resistance and ADC line among different devices.
Figure 33.
Current sense and diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com