Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E160ASOTR-E Datasheet(PDF) 27 Page - STMicroelectronics

Part # VN5E160ASOTR-E
Description  Single channel high-side driver with analog for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E160ASOTR-E Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VN5E160ASOTR-E Datasheet HTML 23Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 24Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 25Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 26Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 27Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 28Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 29Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 30Page - STMicroelectronics VN5E160ASOTR-E Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
VN5E160ASO-E
Application information
Doc ID 022475 Rev. 5
27/37
3.4.1
Short to VCC and OFF-state open-load detection
Short to VCC
A short-circuit between VCC and output is indicated by the relevant current sense pin set to
VSENSEH during the device OFF-state. Little or no current is delivered by the current sense
during the ON-state depending on the nature of the short-circuit.
OFF-state open-load with external circuitry
Detection of an open-load in off-mode requires an external pull-up resistor (RPU) connecting
the output to a positive supply voltage (VPU).
It is preferable that VPU is switched-off during the module standby mode to avoid an
increase in overall standby current consumption in normal conditions, that is, when the load
is connected.
An external pull-down resistor (RPD) connected between output and GND is mandatory to
avoid misdetection in case of floating outputs in OFF-state (see Figure 33: Current sense
and diagnostic).
RPD must be selected in order to ensure VOUT < VOLmin unless pulled up by the external
circuitry:
Equation 3
RPD ≤ 22 KΩ is recommended.
For proper open load detection in OFF-state, the external pull-up resistor must be selected
according to the following formula:
Equation 4
For the values of VOLmin ,VOLmax, IL(off2)r and IL(off2)f (see Table 10: Open-load detection (8 V
< VCC < 18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com