Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 65Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 66Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 67Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 68Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 69Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 70Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 71Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 72Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 98 page
background image
R01DS0248EJ0110 Rev.1.10
Page 69 of 98
Jan 13, 2016
RX23T Group
5. Electrical Characteristics
Note 1. tPcyc: PCLK cycle
Note 2. Cb is the total capacitance of the bus lines.
Figure 5.34
I/O Port Input Timing
Figure 5.35
MTU3 Input/Output Timing
Table 5.27
Timing of On-Chip Peripheral Modules (5)
Conditions: VCC = 2.7 V to 5.5 V, AVCC0 = VREFH0 = VCC to 5.5 V, VSS = AVSS0 = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.*2
Max.
Unit
Test
Conditions
Simple I2C
(Standard mode)
SDA rise time
tSr
—
1000
ns
Figure 5.47
SDA fall time
tSf
—
300
ns
SDA spike pulse removal time
tSP
04 × tpcyc*1
ns
Data setup time
tSDAS
250
—
ns
Data hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF
Simple I2C
(Fast mode)
SDA rise time
tSr
—
300
ns
Figure 5.47
SDA fall time
tSf
—
300
ns
SDA spike pulse removal time
tSP
04 × tpcyc*1
ns
Data setup time
tSDAS
100
—
ns
Data hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF
Port
PCLK
tPRW
Output
compare output
Input capture
input
PCLKA
tTICW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com