Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFP Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # R5F56514FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFP Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button R5F56514FDFP Datasheet HTML 64Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 65Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 66Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 67Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 68Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 69Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 70Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 71Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 68 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
0008 8045h
DA
DADRm Format Select Register
DADPR
8
8
2, 3 PCLKB
2 ICLK
R12DA
0008 8046h
DA
D/A A/D Synchronous Start Control Register
DAADSCR
8
8
2, 3 PCLKB
2 ICLK
R12DA
0008 8100h
TPUA
Timer Start Register
TSTR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8101h
TPUA
Timer Synchronous Register
TSYR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8108h
TPU0
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8109h
TPU1
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 810Ah
TPU2
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 810Bh
TPU3
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 810Ch
TPU4
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 810Dh
TPU5
Noise Filter Control Register
NFCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8110h
TPU0
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8111h
TPU0
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8112h
TPU0
Timer I/O Control Register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8113h
TPU0
Timer I/O Control Register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8114h
TPU0
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8115h
TPU0
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8116h
TPU0
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8118h
TPU0
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 811Ah
TPU0
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 811Ch
TPU0
Timer General Register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 811Eh
TPU0
Timer General Register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8120h
TPU1
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8121h
TPU1
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8122h
TPU1
Timer I/O Control Register
TIOR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8124h
TPU1
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8125h
TPU1
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8126h
TPU1
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8128h
TPU1
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 812Ah
TPU1
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8130h
TPU2
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8131h
TPU2
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8132h
TPU2
Timer I/O Control Register
TIOR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8134h
TPU2
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8135h
TPU2
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8136h
TPU2
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8138h
TPU2
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 813Ah
TPU2
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8140h
TPU3
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8141h
TPU3
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8142h
TPU3
Timer I/O Control Register H
TIORH
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8143h
TPU3
Timer I/O Control Register L
TIORL
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8144h
TPU3
Timer Interrupt Enable Register
TIER
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8145h
TPU3
Timer Status Register
TSR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8146h
TPU3
Timer Counter
TCNT
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8148h
TPU3
Timer General Register A
TGRA
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 814Ah
TPU3
Timer General Register B
TGRB
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 814Ch
TPU3
Timer General Register C
TGRC
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 814Eh
TPU3
Timer General Register D
TGRD
16
16
2, 3 PCLKB
2 ICLK
TPUa
0008 8150h
TPU4
Timer Control Register
TCR
8
8
2, 3 PCLKB
2 ICLK
TPUa
0008 8151h
TPU4
Timer Mode Register
TMDR
8
8
2, 3 PCLKB
2 ICLK
TPUa
Table 4.1
List of I/O Registers (Address Order) (14 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com