| Electronic Components Datasheet Search |
|
R5F56514FDFP Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56514FDFP Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 190 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0100 Rev.1.00 Page 20 of 190 Aug 24, 2016 Ethernet controller REF50CK0 Input 50-MHz reference clocks. These pins input reference signals for transmission/reception timings in RMII mode. RMII0_CRS_DV Input Indicate that there are carrier detection signals and valid receive data on RMII0_RXD1 and RMII0_RXD0 in RMII mode. RMII0_TXD0, RMII0_TXD1 Output 2-bit transmit data in RMII mode RMII0_RXD0, RMII0_RXD1 Input 2-bit receive data in RMII mode RMII0_TXD_EN Output Output pins for data transmit enable signals in RMII mode RMII0_RX_ER Input Indicate an error has occurred during reception of data in RMII mode. ET0_CRS Input Carrier detection/data reception enable pins ET0_RX_DV Input Indicate that there are valid receive data on ET0_ERXD3 to ET0_ERXD0. ET0_EXOUT Output General-purpose external output pins ET0_LINKSTA Input Input link status from the PHY-LSI. ET0_ETXD0 to ET0_ETXD3 Output 4 bits of MII transmit data ET0_ERXD0 to ET0_ERXD3 Input 4 bits of MII receive data ET0_TX_EN Output Transmit enable pins. Function as signals indicating that transmit data is ready on ET0_ETXD3 to ET0_ETXD0. ET0_TX_ER Output Transmit error pins. Function as signals notifying the PHY-LSI of an error during transmission. ET0_RX_ER Input Receive error pins. Function as signals to recognize an error during reception. ET0_TX_CLK Input Transmit clock pins. These pins input reference signals for output timings from ET0_TX_EN, ET0_ETXD3 to ET0_ETXD0, and ET0_TX_ER. ET0_RX_CLK Input Receive clock pins. These pins input reference signals for input timings to ET0_RX_DV, ET0_ERXD3 to ET0_ERXD0, and ET0_RX_ER. ET0_COL Input Input collision detection signals. ET0_WOL Output Receive Magic packets. ET0_MDC Output Output reference clock signals for information transfer via ET0_MDIO. ET0_MDIO I/O Input or output bidirectional signals for exchange of management information between this MCU and the PHY-LSI. USB 2.0 host/function module VCC_USB Input Power supply pins VSS_USB Input Ground pins USB0_DP I/O Input or output USB transceiver D+ data. USB0_DM I/O Input or output USB transceiver D- data. USB0_EXICEN Output Connect to the OTG power IC. USB0_ID Input Connect to the OTG power IC. USB0_VBUSEN Output USB VBUS power enable pins USB0_OVRCURA/ USB0_OVRCURB Input USB overcurrent pins USB0_VBUS Input USB cable connection/disconnection detection input pins CAN module CRX0, CRX1, CRX1-DS Input Input pins CTX0, CTX1 Output Output pins Table 1.4 Pin Functions (5/7) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |