Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFP Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # R5F56514FDFP
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFP Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F56514FDFP Datasheet HTML 97Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 98Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 99Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 100Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 101Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 102Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 103Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 104Page - Renesas Technology Corp R5F56514FDFP Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 190 page
background image
R01DS0276EJ0100 Rev.1.00
Page 101 of 190
Aug 24, 2016
RX65N Group, RX651 Group
4. I/O Registers
000A 0072h
USB0
PIPE2 Control Register
PIPE2CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0074h
USB0
PIPE3 Control Register
PIPE3CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0076h
USB0
PIPE4 Control Register
PIPE4CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0078h
USB0
PIPE5 Control Register
PIPE5CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 007Ah
USB0
PIPE6 Control Register
PIPE6CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 007Ch
USB0
PIPE7 Control Register
PIPE7CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 007Eh
USB0
PIPE8 Control Register
PIPE8CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0080h
USB0
PIPE9 Control Register
PIPE9CTR
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0090h
USB0
Pipe1 Transaction Counter Enable Register
PIPE1TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0092h
USB0
Pipe1 Transaction Counter Register
PIPE1TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0094h
USB0
Pipe2 Transaction Counter Enable Register
PIPE2TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0096h
USB0
Pipe2 Transaction Counter Register
PIPE2TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0098h
USB0
Pipe3 Transaction Counter Enable Register
PIPE3TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 009Ah
USB0
Pipe3 Transaction Counter Register
PIPE3TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 009Ch
USB0
Pipe4 Transaction Counter Enable Register
PIPE4TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 009Eh
USB0
Pipe4 Transaction Counter Register
PIPE4TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00A0h
USB0
Pipe5 Transaction Counter Enable Register
PIPE5TRE
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00A2h
USB0
Pipe5 Transaction Counter Register
PIPE5TRN
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00D0h
USB0
Device Address 0 Configuration Register
DEVADD0
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00D2h
USB0
Device Address 1 Configuration Register
DEVADD1
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00D4h
USB0
Device Address 2 Configuration Register
DEVADD2
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00D6h
USB0
Device Address 3 Configuration Register
DEVADD3
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00D8h
USB0
Device Address 4 Configuration Register
DEVADD4
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00DAh
USB0
Device Address 5 Configuration Register
DEVADD5
16
16
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 00F0h
USB0
PHY Cross Point Adjustment Register
PHYSLEW
32
32
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
000A 0400h
USB
Deep Standby USB Transceiver Control/Pin
Monitoring Register
DPUSR0R
32
32
9 PCLKB
or more
Frequency with 1 + 9
× (frequency ratio of
ICLK/PCLKB)*5
USBb
Table 4.1
List of I/O Registers (Address Order) (47 / 56)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com