Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82R732 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 17Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 18Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
Because the TBLH register is a read-only register and cannot be restored, care should be taken to
ensure its protection if both the main routine and Interrupt Service Routine use the table read
instructions. If using the table read instructions, the Interrupt Service Routines may change the value
of TBLH and subsequently cause errors if used again by the main routine. As a rule it is recommended
that simultaneous use of the table read instructions should be avoided. However, in situations where
simultaneous use cannot be avoided, the interrupts should be disabled prior to the execution of any
main routine table-read instructions. Note that all table related instructions require two instruction
cycles to complete their operation.
Table Read Program Example
tempreg1
db ?
; temporary register #1
tempreg2
db ?
; temporary register #2
:
:
mov
a,06h
; initialise table pointer - note that this address is referenced
mov
tblp,a
; to the last page or present page
:
:
tabrdl tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²0F06H² transferred to
; tempreg1 and TBLH
dec
tblp
; reduce value of table pointer by one
Tabrdl tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²0F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²00H² will be transferred to the high byte
; register TBLH
:
:
org
300h
; sets initial address of last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
15
October 31, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com