Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT82R732 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. Most pins can have either an
input or output designation under user program control. Additionally, as there are pull-high resistors
and wake-up software configurations, the user is provided with an I/O structure to meet the needs of a
wide range of application possibilities.
For input operation, these ports are non-latching, which means the inputs must be ready at the T2 rising
edge of instruction
²MOV A,[m]², where m denotes the port address. For output operation, all the data
is latched and remains unchanged until the output latch is rewritten.
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the use
of an external resistor. To eliminate the need for these external resistors, when configured as an input
have the capability of being connected to an internal pull-high resistor. These pull-high resistors are
selectable via a register known as PAPU, PBPU and PCPU located in the Data Memory. The pull-high
resistors are implemented using weak PMOS transistors.
Port Wake-up
If the HALT instruction is executed, the device will enter the HALT Mode, where the system clock will
stop resulting in power being conserved, a feature that is important for battery and other low-power
applications. Various methods exist to wake-up the microcontroller, one of which is to change the logic
condition on one of the PA0~PA7 (or PB0~PB7 or PC1~PC2) pins from high to low. After a HALT
instruction forces the microcontroller into entering the HALT Mode, the processor will remain idle or
in a low-power state until the logic condition of the selected wake-up pin on Port A (or Port B or Port
C) changes from high to low. This function is especially suitable for applications that can be woken up
via external switches. Note that pins of the PA, PB and PC can be selected individually to have this
wake-up feature using internal registers known as PAWK, PBWK and PCWK, located in the Data
Memory.
PAWK, PAC, PAPU, PBWK, PBC, PBPU, PCWK, PCC, PCPU Registers
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
PAPU7
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBWK
00H
PBWK7
PBWK6
PBWK5
PBWK4
PBWK3
PBWK2
PBWK1
PBWK0
PBC
3FH
PBC7
PBC6
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCWK
00H
¾¾¾¾¾
PCWK2
PCWK1
¾
PCC
FFH
¾¾¾¾¾
PCC2
PCC1
¾
PCPU
00H
¾¾¾¾¾
PCPU2
PCPU1
¾
²¾² Unimplemented, read as ²0²
PAWKn/PBWKn/PCWKn: PA, PB, PC wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn: I/O type selection
0: output
1: input
Rev. 1.00
32
October 31, 2013
HT82R732
e-Banking 8-Bit OTP MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com