Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58CR032D Datasheet(PDF) 62 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 62 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 55Page - STMicroelectronics M58CR032D Datasheet HTML 56Page - STMicroelectronics M58CR032D Datasheet HTML 57Page - STMicroelectronics M58CR032D Datasheet HTML 58Page - STMicroelectronics M58CR032D Datasheet HTML 59Page - STMicroelectronics M58CR032D Datasheet HTML 60Page - STMicroelectronics M58CR032D Datasheet HTML 61Page - STMicroelectronics M58CR032D Datasheet HTML 62Page - STMicroelectronics M58CR032D Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 63 page
background image
M58CR032C, M58CR032D
62/63
Table 37. Command Interface States - Modify Table
Note: PS = Program Suspend, ES = Erase Suspend.
Current State
of the Other
Bank
Current State of the Current
Bank
Command Input to the Current Bank (and Next State of the Current Bank)
Mode
State
Others
Program Setup
(10h/40h)
Block Erase
Setup (20h)
Program-Erase
Suspend (B0h)
Protection
Register
Program Setup
(C0h)
Double/
Quadruple
Program Setup
(30h/55h)
Bank Erase
Setup (80h)
Setup
Read
Array, CFI,
Electronic
Signature,
Status Register
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program setup
Block Erase
Setup
Protection
Register Setup
Double/
Quadruple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Setup
Lock Unlock
Lock-Down BCR
Error,
Lock Unlock
Lock-Down
Block,
Set BCR
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program setup
Block Erase
Setup
Protection
Register Setup
Double/
Quadruple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Idle
Protection
Register
Setup
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Setup
Busy
Busy
Done
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Idle
Program Setup
Block Erase
Setup
Protection
Register Setup
Double/
Quadruple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Any State
Program
Double/
Quadruple
Word Program
Setup
Program (Busy) Program (Busy) Program (Busy)
Program (Busy)
Program (Busy) Program (Busy) Program (Busy)
Idle
Busy
PS Read Status
Register
Setup
Done
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program Setup
Block Erase
Setup
Protection
Register Setup
Double/
Quadruple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Setup
Program
Suspend
Read Array,
CFI, Elect.
Sign., Status
Register
SEE LOCK
TABLE
PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array
Idle
Erase Suspend
Idle
Block/ Bank
Erase
Setup
SEE LOCK
TABLE
Erase Error
Erase Error
Erase Error
Erase Error
Erase Error
Erase Error
Busy
Erase (Busy)
Erase (Busy)
Erase (Busy)
ES Read Status
Register
Erase (Busy)
Erase (Busy)
Erase (Busy)
Setup
Erase Suspend
Read Array,
CFI, Elect.
Sign., Status
Register
SEE LOCK
TABLE
ES Read Array
ES Read Array ES Read Array ES Read Array
ES Read Array
ES Read Array
Busy
Idle
Program Setup
Double/
Quadruple
Program Setup
Program
Suspend
ES Read Array
ES Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com