Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58CR032D Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58CR032D
Description  32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58CR032D Datasheet HTML 20Page - STMicroelectronics M58CR032D Datasheet HTML 21Page - STMicroelectronics M58CR032D Datasheet HTML 22Page - STMicroelectronics M58CR032D Datasheet HTML 23Page - STMicroelectronics M58CR032D Datasheet HTML 24Page - STMicroelectronics M58CR032D Datasheet HTML 25Page - STMicroelectronics M58CR032D Datasheet HTML 26Page - STMicroelectronics M58CR032D Datasheet HTML 27Page - STMicroelectronics M58CR032D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
M58CR032C, M58CR032D
24/63
Table 7. Dual Bank Operations
Note: 1. For detailed description of command see Table 6, 36 and 37.
2. There is a Status Register for each bank; Status Register indicates bank state, not P/E.C. status.
3. Command must be written to an address within the block targeted by that command.
Table 8. Read Electronic Signature
Note: 1. Addresses are latched on the rising edge of L input.
2. ESA means Electronic Signature Address (see Read Electronic Signature)
Table 9. Read Block Protection
Note: 1. Addresses are latched on the rising edge of L input.
2. A locked block can only be unlocked with WP at VIH.
3. BA means Block Address. First cycle command address should indicate the bank of the block address.
Status of one
bank
Commands allowed in the other bank
Read
Array
Read
Status
Read
CFI
Program
Erase/
Erase
Resume
Program
Suspend
Erase
Suspend
Lock
Unlock
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Reading
––––
––––
Programming
Yes
Yes
Yes
–
–
–
–
Yes
Erasing
Yes
Yes
Yes
–
–
–
–
Yes
Program
Suspended
Yes
Yes
Yes
–
–
–
–
Yes
Erase
Suspended
Yes
Yes
Yes
Yes
–
Yes
–
Yes
Code
Device
E
G
W
A1
A0
Other
Addresses
DQ15-DQ0
Manufacturer Code
VIL
VIL
VIH
VIL
VIL
ESA (2)
0020h
Device Code
M58CR032C
VIL
VIL
VIH
VIL
VIH
ESA (2)
88C8h
M58CR032D
VIL
VIL
VIH
VIL
VIH
ESA (2)
88C9h
Block Status
E
G
W
A0
A1
Other
Address
DQ15-DQ0
Locked Block
VIL
VIL
VIH
VIL
VIH
BA (3)
0001
Unlocked Block
VIL
VIL
VIH
VIL
VIH
BA (3)
0000
Locked and Locked-Down Block
VIL
VIL
VIH
VIL
VIH
BA (3)
0003
Unlocked and Locked-Down
VIL
VIL
VIH
VIL
VIH
BA (3)
0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com