Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC1034 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1034
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1034 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC1034 Datasheet HTML 1Page - National Semiconductor (TI) ADC1034 Datasheet HTML 2Page - National Semiconductor (TI) ADC1034 Datasheet HTML 3Page - National Semiconductor (TI) ADC1034 Datasheet HTML 4Page - National Semiconductor (TI) ADC1034 Datasheet HTML 5Page - National Semiconductor (TI) ADC1034 Datasheet HTML 6Page - National Semiconductor (TI) ADC1034 Datasheet HTML 7Page - National Semiconductor (TI) ADC1034 Datasheet HTML 8Page - National Semiconductor (TI) ADC1034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VCC ea50V VREF ea46V fS e 700 kHz and fC e 3 MHz unless otherwise
specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
AC CHARACTERISTICS
(Continued)
tHDO
DO Hold Time from SCLK Falling Edge
RL e 30 kX CL e 100 pF
70
10
ns (min)
tDDO
Delay from SCLK Falling
RL e 30 kX CL e 100 pF
150
250
ns (max)
Edge to DO Data Valid
tRDO
DO Rise Time
RL e 30 kX
TRI-STATE to High
35
75
ns (max)
CL e 100 pF
Low to High
75
150
ns (max)
tFDO
DO Fall Time
RL e 30 kX
TRI-STATE to Low
35
75
ns (max)
CL e 100 pF
High to Low
75
150
ns (max)
CIN
Input Capacitance
Analog Inputs (CH0 – CH7)
50
pF
All Other Inputs
75
pF
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur
Note 2
Operating Ratings indicate conditions for which the device is functional but do not guarantee specific performance limits For guaranteed specifications
and test conditions see the Electrical Characteristics The guaranteed specifications apply only for the test conditions listed Some performance characteristics
may degrade when the device is not operated under the listed test conditions
Note 3
All voltages are measured with respect to AGND and DGND unless otherwise specified
Note 4
When the input voltage (VIN) at any pin exceeds the power supplies (VIN k DGND or VIN l VCC) the current at that pin should be limited to 5 mA The
20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four pins
Note 5
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax iJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJmax b TA) iJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJmax e 125 C The typical thermal resistance (iJA) of these parts when board mounted follow ADC1031 with CIN suffixes 71 CW ADC1034 with CMJ
suffixes 52 CW ADC1034 with CIN suffixes 54 CW ADC1034 with CIWM suffixes 70 CW ADC1038 with CMJ suffixes 53 CW ADC1038 with CIN suffixes
46 CW ADC1038 with CIWM suffixes 64 CW
Note 6
Human body model 100 pF capacitor discharged through a 15 kX resistor
Note 7
See AN450 ‘‘Surface Mounting Methods and Their Effect on Product Reliability’’ or
Linear Databook section ‘‘Surface Mount’’ for other methods of
soldering surface mount devices
Note 8
Typicals are at TJ e 25 C and represent most likely parametric norm
Note 9
Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 10
Total unadjusted error includes offset full-scale linearity multiplexer and hold step errors
Note 11
Two on-chip diodes are tied to each analog input They will forward-conduct for analog input voltages one diode drop below ground or one diode drop
greater than VCC supply Be careful during testing at low VCC levels (45V) as high level analog inputs (5V) can cause an input diode to conduct especially at
elevated temperatures which will cause errors for analog inputs near full-scale The spec allows 50 mV forward bias of either diode this means that as long as the
analog VIN does not exceed the supply voltage by more than 50 mV the output code will be correct Exceeding this range on an unselected channel will corrupt the
reading of a selected channel To achieve an absolute 0 VDC to5VDC input voltage range will therefore require a minimum supply voltage of 4950 VDC over
temperature variations initial tolerance and loading
Note 12
Channel leakage current is measured after the channel selection
Note 13
In order to synchronize the serial data exchange properly SARS needs to go low after completion of the serial IO data exchange If this does not occur
the output shift register will be reset and the correct output data lost The minimum limit for SCLK will depend on CCLK frequency and whether right-justified or left-
justified and can be determined by the following equations
fS l (8541) (fC) with right-justification (RL e ‘‘1’’) and fS l (2541) (fC) with left-justification (RL e ‘‘0’’)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com