Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC1034 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1034
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1034 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC1034 Datasheet HTML 1Page - National Semiconductor (TI) ADC1034 Datasheet HTML 2Page - National Semiconductor (TI) ADC1034 Datasheet HTML 3Page - National Semiconductor (TI) ADC1034 Datasheet HTML 4Page - National Semiconductor (TI) ADC1034 Datasheet HTML 5Page - National Semiconductor (TI) ADC1034 Datasheet HTML 6Page - National Semiconductor (TI) ADC1034 Datasheet HTML 7Page - National Semiconductor (TI) ADC1034 Datasheet HTML 8Page - National Semiconductor (TI) ADC1034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH10556
January 1995
ADC1031ADC1034ADC1038 10-Bit Serial
IO AD Converters with Analog Multiplexer
and TrackHold Function
General Description
The ADC1031 ADC1034 and ADC1038 are 10-bit succes-
sive approximation AD converters with serial IO The seri-
al input for the ADC1034 and ADC1038 controls a single-
ended analog multiplexer that selects one of 4 input chan-
nels (ADC1034) or one of 8 input channels (ADC1038) The
ADC1034 and ADC1038 serial output data can be config-
ured into a left- or right-justified format
An input trackhold is implemented by a capacitive refer-
ence ladder and sampled-data comparator This allows the
analog input to vary during the AD conversion cycle
Separate serial IO and conversion clock inputs are provid-
ed to facilitate the interface to various microprocessors
Applications
Y
Engine control
Y
Process control
Y
Instrumentation
Y
Test equipment
Features
Y
Serial IO (MICROWIRETM compatible)
Y
Separate asynchronous converter clock and serial data
IO clock
Y
Analog input trackhold function
Y
Ratiometric or absolute voltage referencing
Y
No zero or full scale adjustment required
Y
0V to 5V analog input range with single 5V power
supply
Y
TTLMOS inputoutput compatible
Y
No missing codes
Key Specifications
Y
Resolution
10 bits
Y
Total unadjusted error
g
1 LSB (max)
Y
Single supply
5V g5%
Y
Power dissipation
20 mW (max)
Y
Max conversion time (fC e 3 MHz)
137 ms (max)
Y
Serial data exchange time (fS e 1 MHz)
10 ms (max)
TRI-STATE
is a registered trademark of National Semiconductor Corporation
MICROWIRETM is a trademark of National Semiconductor Corporation
Connection Diagrams
Dual-In-Line and SO Packages
TLH10556 – 4
Top View
ADC1031 In NS Package N08E
TLH10556 – 3
Top View
ADC1034 In NS Packages
J16A M16B or N16E
TLH10556 – 2
Top View
ADC1038 In NS Packages
J20A M20B or N20A
Ordering Information
Industrial b40 C s TA s a85 C
Package
ADC1031CIN
N08E
ADC1034CIN
N16E
ADC1034CIWM
M16B
ADC1038CIN
N20A
ADC1038CIWM
M20B
Military b55 C s TA s a125 C
Package
ADC1034CMJ
J16A
ADC1038CMJ
J20A
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - ADC1034

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC103 MPSIND-ADC103 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI2-ADC10321 Datasheet
1Mb / 28P
ADC10321 10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
REVISED MAY 2013
More results

Similar Description - ADC1034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC1038 NSC-ADC1038 Datasheet
551Kb / 13P
10-Bit Serial I/O A/D Converter with Analog Multiplexer
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
May 2001
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com