Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5480 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 44Page - Cirrus Logic CS5480 Datasheet HTML 45Page - Cirrus Logic CS5480 Datasheet HTML 46Page - Cirrus Logic CS5480 Datasheet HTML 47Page - Cirrus Logic CS5480 Datasheet HTML 48Page - Cirrus Logic CS5480 Datasheet HTML 49Page - Cirrus Logic CS5480 Datasheet HTML 50Page - Cirrus Logic CS5480 Datasheet HTML 51Page - Cirrus Logic CS5480 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
CS5480
48
DS980F3
6.6.16 Chip Status 2 (Status2) – Page 0, Address 25
Default = 0x00 0000
This register indicates a variety of conditions within the chip.
[23:6]
Reserved.
QSUM_SIGN
Indicates the sign of the value contained in QSUM.
0 = positive value
1 = negative value
Q2_SIGN
Indicates the sign of the value contained in Q2AVG.
0 = positive value
1 = negative value
Q1_SIGN
Indicates the sign of the value contained in Q1AVG.
0 = positive value
1 = negative value
PSUM_SIGN
Indicates the sign of the value contained in PSUM.
0 = positive value
1 = negative value
P2_SIGN
Indicates the sign of the value contained in P2AVG.
0 = positive value
1 = negative value
P1_SIGN
Indicates the sign of the value contained in P1AVG.
0 = positive value
1 = negative value
6.6.17 Line to Sample Frequency Ratio (Epsilon) – Page 16, Address 49
Default = 0x01 999A (0.0125 or 50Hz/4.0kHz)
Epsilon is the ratio of the input line frequency to the OWR.
It can either be written by the application program or calculated automatically from the line frequency (from
the voltage channel 1 input) using the AFC bit in the Config2 register. It is a two's complement value in the
range of -1.0
 value1.0, with the binary point to the right of the MSB. Negative values are not used.
23
22
21
20
19
18
17
16
--
--
--
--
15
14
13
12
11
10
9
8
--
--
--
--
7
654
32
10
-
-
QSUM_SIGN
Q2_SIGN
Q1_SIGN
PSUM_SIGN
P2_SIGN
P1_SIGN
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com