Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5480 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5480
Description  Three Channel Energy Measurement IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5480 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5480 Datasheet HTML 21Page - Cirrus Logic CS5480 Datasheet HTML 22Page - Cirrus Logic CS5480 Datasheet HTML 23Page - Cirrus Logic CS5480 Datasheet HTML 24Page - Cirrus Logic CS5480 Datasheet HTML 25Page - Cirrus Logic CS5480 Datasheet HTML 26Page - Cirrus Logic CS5480 Datasheet HTML 27Page - Cirrus Logic CS5480 Datasheet HTML 28Page - Cirrus Logic CS5480 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
CS5480
DS980F3
25
5.6.1.2 Manual Channel Selection
In addition to automatic channel selection anti-tamper-
ing scheme, the CS5480 allows the user or application
program to select the more appropriate energy channel
manually. Configuration 2 (Config2) register bit IHOLD
disable automatic channel selection, and ICHAN forces
the selection of the contributor to the total power regis-
ters (see Figure 14).
5.6.2 Anti-tampering on Voltage
An internal RMS voltage reference is also available in
the event that the voltage input has been compromised
by tampering.
If the user application detects the voltage input has
been impaired, it may choose to use the fixed internal
RMS voltage reference in active power calculations by
setting the VFIX bit in the Configuration 2 (Config2) reg-
ister. The value of the Voltage Fixed RMS Reference
(VFRMS) register is by default 0.707107 (full-scale RMS)
but can be changed by the application program. Figure
14 shows the entry point for the VFRMS value. VFRMS
has no phase relationship to I1RMS or I2RMS. Therefore,
the VFRMS only affects the active power calculation
paths.
5.7 Energy Pulse Generation
The CS5480 provides three independent energy pulse
generation blocks (EPG1, EPG2, and EPG3) in order to
simultaneously output active, reactive, and apparent
energy pulses on any of the three digital output pins
(DO1, DO2, and DO3). The energy pulse frequency is
proportional to the magnitude of the power. The energy
pulse output is commonly used as the test output of a
power meter. The host microcontroller can also use the
energy pulses to accumulate the energy (see Figure 16).
PSUM Sign
QSUM Sign
P1 Sign
P2 Sign
Q1 Sign
Q2 Sign
DO1_OD
(Config1)
DO2_OD
(Config1)
DO3_OD
(Config1)
(PulseCtrl) EPGxIN[3:0]
DOxMODE[3:0]
(Config1)
DO3
DO2
DO1
Hi-Z
Interrupt
PSUM
QSUM
SSUM
P1AVG
P2AVG
Q1AVG
Q2AVG
S1AVG
S2AVG
PULSE RATE
EPGx_ON
(Config1)
MCLK
(PulseWidth) PW[7:0]
(PulseWidth) FREQ_RNG[3:0]
0000
0001
0010
0011
0100
0101
0110
0111
1000
4
4
8
4
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
RESERVED
RESERVED
RESERVED
V1/V2 Crossing
I1/I2 Crossing
Figure 16. Energy Pulse Generation and Digital Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com