Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS497014 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 4Page - Cirrus Logic CS497014 Datasheet HTML 5Page - Cirrus Logic CS497014 Datasheet HTML 6Page - Cirrus Logic CS497014 Datasheet HTML 7Page - Cirrus Logic CS497014 Datasheet HTML 8Page - Cirrus Logic CS497014 Datasheet HTML 9Page - Cirrus Logic CS497014 Datasheet HTML 10Page - Cirrus Logic CS497014 Datasheet HTML 11Page - Cirrus Logic CS497014 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
8
through master boot from an external FLASH or through host control. A built-in crystal oscillator circuit with a
buffered output is provided. The buffered output frequency ratio is selectable between 1:1 (default) or 2:1.
4.3 DSP I/O Description
4.3.1 Multiplexed Pins
Many of the CS4970x4 pins are multi-functional. For details on pin functionality please refer to the CS4970x4
System Designer’s Guide.
4.3.2 Termination Requirements
Open-drain pins on the CS4970x4 must be pulled high for proper operation. Please refer to the CS4970x4
System Designer’s Guide to identify which pins are open-drain and what value of pull-up resistor is required for
proper operation.
Mode select pins on the CS4970x4 are used to select the boot mode upon the rising edge of reset. A detailed
explanation of termination requirements for each communication mode select pin can be found in the
CS4970x4 System Designer’s Guide.
4.3.3 Pads
The CS4970x4 I/O operates from the 3.3 V supply and is tolerant within 5 V.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it may
contain. A secret, customer-specific key is used to encrypt the program code that is to be stored external to the
device.
5 Characteristics and Specifications
Note:
All data sheet minimum and maximum timing parameters are guaranteed over the rated voltage
and temperature. All data sheet typical parameters are measured under the following conditions:
T=25 °C, CL = 20 pF, VDD = 1.8 V, VDDA = VDDIO = 3.3 V, GNDD = GNDIO = GNDA = 0 V.
5.1 Absolute Maximum Ratings
(GNDD = GNDIO = GNDA = 0 V; all voltages with respect to 0 V)
CAUTION: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
Parameter
Symbol
Min
Max
Unit
DC power supplies:
Core supply
PLL supply
I/O supply
|VDDA – VDDIO|
VDD
VDDA
VDDIO
–0.3
–0.3
–0.3
—
2.0
3.6
3.6
0.3
V
V
V
V
Input pin current, any pin except supplies
Iin
—+/- 10
mA
Input voltage on PLL_REF_RES
Vfilt
-0.3
3.6
V
Input voltage on I/O pins
Vinio
-0.3
5.0
V
Storage temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com