Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS497014 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 1 Page - Cirrus Logic

  CS497014 Datasheet HTML 1Page - Cirrus Logic CS497014 Datasheet HTML 2Page - Cirrus Logic CS497014 Datasheet HTML 3Page - Cirrus Logic CS497014 Datasheet HTML 4Page - Cirrus Logic CS497014 Datasheet HTML 5Page - Cirrus Logic CS497014 Datasheet HTML 6Page - Cirrus Logic CS497014 Datasheet HTML 7Page - Cirrus Logic CS497014 Datasheet HTML 8Page - Cirrus Logic CS497014 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Copyright © 2014 Cirrus Logic, Inc.
FEB 2014
All Rights Reserved
DS752F1
High Definition Audio Decoder DSP Family
with Dual 32-bit Engine Technology
CS4970x4 Data Sheet
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
FEATURES
Multi-standard 32-bit high-definition audio decoding plus
post-processing
Supports high-definition audio formats including:
— Dolby Digital® Plus
— Dolby® TrueHD
—DTS-HD® High Resolution Audio
—DTS-HD Master Audio™
— DTS Express™ 5.1
Supports legacy audio formats and a wide array of post-
processing
— Dolby Digital® EX, Dolby Pro Logic® II, IIx, IIz 7.1, Dolby
Headphone® 2, Dolby Virtual Speaker® 2, Dolby
Volume® (original), Dolby Volume 258 (lite), Audistry®
— DTS-ES 96/24™ Discrete 7.1, DTS-ES™ Discrete 7.1,
DTS-ES™ Matrix 6.1, DTS Neo:6®, DTS Neural
Surround™ DTS Surround Sensation Speaker
— MPEG-2 AAC™ LC 5.1
—SRS® Circle Surround® II, SRS Circle Surround Auto,
SRS Circle Surround Decoder Optimized, SRS
TruVolume™ 7.1 (V 2.1.0.0), SRS TruSurround
HD/HD4®, SRS WOW HD™, SRS CS Headphone™,
SRS Circle Cinema 3D™, SRS Studio Sound HD™
—THX® Ultra2™, THX Select2™
Cirrus Logic’s Applications Library
— Cirrus Original Multi-Channel Surround 2 (COMS2),
Cirrus Band XpandeR™, Cirrus Virtualization
Technology (CVT), Cirrus Intelligent Room Calibration 2
(IRC2), Cirrus Bass Enhancement (CBE)
— Crossbar Mixer, Signal Generator
— Advanced Post-Processors including: 7.1 Bass Manager
Quadruple Crossover, Tone Control, 11- Band
Parametric EQ, Delay, 2:1/4:1 Decimator, 1:2/1:4
Upsampler
Up to 12 Channels of 32-bit Serial Audio Input
Customer Software Security Keys
16 Ch x 32-bit PCM Out with Dual 192 kHz S/PDIF Tx
Two SPI™/I2C™ ports
Large On-chip X, Y, and Program RAM & ROM
SDRAM and Serial Flash Memory Support
The CS4970x4 DSP family is an enhanced version of the
CS4953xx DSP family with higher overall performance. In
addition to all the mainstream audio processing codes in on-
chip ROM that the CS4953xx DSP offers, the CS4970x4 device
family also supports the decoding of major high-definition audio
formats. Additionally, the CS4970x4, a dual-core device,
performs the high-definition audio decoding on the first core,
leaving the second core available for audio post-processing and
audio enhancement. The CS4970x4 device supports the most
demanding audio post processing requirements. It provides an
easy upgrade path to systems currently using the CS495xx or
CS4953xx device with minor (or no) hardware and software
changes.
Ordering Information
See page 27 for ordering information.
Coyote 32-bit
DSP A
D
M
A
Coyote 32-bit
DSP B
Ext. Memory Controller
P
S/PDIF
X
Y
P
X
Y
Serial
Control 1
16 Ch PCM
Audio Out
Serial
Control 2
Parallel
Control
GPIO
Debug
STC
TMR1
TMR2
PLL
S/PDIF
12 Ch. Audio In /
6 Ch. SACD In


Similar Part No. - CS497014

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS497014-CVZ CIRRUS-CS497014-CVZ Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results

Similar Description - CS497014

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com