Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W55RFS27T1B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T1B Datasheet HTML 2Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 3Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
W55RFS27T1B DataSheet
6
Revision: A3.0
Publish Date: Feb. 2010
- 6 -
Revision A1
System Description
2.1 W55RFS27T1B System Block Diagram
2.2 W55RFS27T1B Functional Description
W55RFS27T1B provides two operation
modes for convenient remote control product
development, named Manual-mode and uC-mode.
The Manual-mode provides a powerful baseband
command encoder, which perform 6-function
binary data encode and, modulate with the on-chip
RF power amplifier to transmit control command.
The control function can be at most to 6 functions,
Forward, Backward, Left-turn, Right-turn for
PA
Encoder
Control
Circuit
S1
Oscillation
(27~49MHz)
x
ANT
X1
X2
TXOUT
VDD
GND
RESET
S2
S3
S4
IDn
CKSEL
POR
 n
TEST
$ENB
$TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com