Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W55RFS27T1B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # W55RFS27T1B
Description  Super-Regeneration RF Transmitter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W55RFS27T1B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button W55RFS27T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 11Page - List of Unclassifed Manufacturers W55RFS27T1B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
W55RFS27T1B DataSheet
8
Revision: A3.0
Publish Date: Feb. 2010
- 8 -
Revision A1
Operating Voltage
VDD
2.2
-
5.5
V
Operating Current (uC-mode)
ITX
Continuous emission
-
-
50
mA
Stand-by Current
ISBY
-
-
1
A
Digital Input/Output Pin (S1, S2, S3, S4, ID0, ID1, MODE,CKSEL0,CKSEL1)
Input High Voltage
VIH
0.8*VDD
-
VDD
V
Input Low Voltage
VIL
VSS
-
0.1*VDD
V
Input Pin Pull-high Resistance
RPH
S1~S4, RESET
-
150K
-
ohm
TXOUT Output High Source Current
IOH
VOH=0.7 * VDD
6
-
-
mA
TXOUT Output Low Sink Current
IOL
VOL=0.3 * VDD
6
-
-
mA
Crystal Oscillator
Operation Frequency
FXTL
27
-
49
MHz
Oscillator Turn-On Time
TOSC
Fundamental type
-
-
1.0
mS
Over-tone type
-
-
3.0
mS
Transmitter Section
Modulation Duty Cycle
MDYT
30
50
70
%
Transmission Data Rate
RDTT
50% Duty-cycle Manchester Code
-
1.25
10
Kbps
Transmission Power
PANT
-
15
-
dBm
Notes: (1). Crystal turn-on time depends on crystal type: fundamental or overtone type crystal.
(2). Transmitter settling time depends on crystal type: fundamental or overtone type crystal.
3.3 W55RFS27T1B Ordering Information
W55RFS27T1B provides two forms in shipment: Dice form, and wafer form
Part Number
Package
Remarks
W55RFS27T1B(H)
Dice form
-
W55RFS27T1B(W)
Wafer form
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com