Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S6008LS2TP Datasheet(PDF) 2 Page - Littelfuse

Part # S6008LS2TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6008LS2TP Datasheet(HTML) 2 Page - Littelfuse

  S6008LS2TP Datasheet HTML 1Page - Littelfuse S6008LS2TP Datasheet HTML 2Page - Littelfuse S6008LS2TP Datasheet HTML 3Page - Littelfuse S6008LS2TP Datasheet HTML 4Page - Littelfuse S6008LS2TP Datasheet HTML 5Page - Littelfuse S6008LS2TP Datasheet HTML 6Page - Littelfuse S6008LS2TP Datasheet HTML 7Page - Littelfuse S6008LS2TP Datasheet HTML 8Page - Littelfuse S6008LS2TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Absolute Maximum Ratings — Standard SCRs
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Sxx08L
T
C = 100°C
8
A
Sxx08R
Sxx08D
Sxx08V
T
C = 110°C
I
T(AV)
Average on-state current
Sxx08L
T
C = 100°C
5.1
A
Sxx08R
Sxx08D
Sxx08V
T
C = 110°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
83
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
100
I2t
I2t Value for fusing
t
p = 8.3 ms
41
A2s
di/dt
Critical rate-of-rise of on-state current
f = 60 Hz T
J = 125°C
100
A/μs
I
GM
Peak gate current
T
J = 125°C
2
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.5
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage
Absolute Maximum Ratings — Sensitive SCRs
Symbol
Parameter
Test Conditions
Value
Unit
I
T(RMS)
RMS on-state current
Sxx08LSy
T
C = 80°C
8
A
Sxx08RSy
Sxx08DSy
Sxx08VSy
T
C = 95°C
I
T(AV)
Average on-state current
Sxx08LSy
T
C = 80°C
5.1
A
Sxx08RSy
Sxx08DSy
Sxx08VSy
T
C = 95°C
I
TSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
83
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
100
I2t
I2t Value for fusing
t
p = 8.3 ms
41
A2s
di/dt
Critical rate of rise of on-state current
f = 60 Hz ; T
J = 110°C
70
A/μs
I
GTM
Peak gate current
T
J = 110°C
1.6
A
P
G(AV)
Average gate power dissipation
T
J = 110°C
0.4
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 110
°C
Note: xx = voltage, y = sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com