Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S6008LS2TP Datasheet(PDF) 1 Page - Littelfuse

Part # S6008LS2TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6008LS2TP Datasheet(HTML) 1 Page - Littelfuse

  S6008LS2TP Datasheet HTML 1Page - Littelfuse S6008LS2TP Datasheet HTML 2Page - Littelfuse S6008LS2TP Datasheet HTML 3Page - Littelfuse S6008LS2TP Datasheet HTML 4Page - Littelfuse S6008LS2TP Datasheet HTML 5Page - Littelfuse S6008LS2TP Datasheet HTML 6Page - Littelfuse S6008LS2TP Datasheet HTML 7Page - Littelfuse S6008LS2TP Datasheet HTML 8Page - Littelfuse S6008LS2TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Sxx08xSx & Sxx08x Series
Description
Excellent unidirectional switches for phase control
applications such as heating and motor speed controls.
Sensitive gate SCRs are easily triggered with microAmps
of current as furnished by sense coils, proximity switches,
and microprocessors.
Standard phase control SCRs are triggered with few
milliamperes of current at less than 1.5V potential.
Features & Benefits
• RoHS compliant
• Glass – passivated
junctions
• Voltage capability up
to 1000 V
• Surge capability up
to 100 A
Main Features
Symbol
Value
Unit
I
T(RMS)
8
A
V
DRM/VRRM
400 to 1000
V
I
GT
0.2 to 15
mA
Schematic Symbol
Agency Approval
Agency
Agency File Number
L Package: E71639
Applications
Typical applications are capacitive discharge systems for
strobe lights, nailers, staplers and gas engine ignition. Also
controls for power tools, home/brown goods and white
goods appliances.
Internally constructed isolated packages are offered for
ease of heat sinking with highest isolation voltage.
AK
G
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - S6008LS2TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6008LS2 LITTELFUSE-S6008LS2 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
S6008LS2 LITTELFUSE-S6008LS2 Datasheet
205Kb / 12P
Sensitive SCRs
logo
List of Unclassifed Man...
S6008LS2 ETC2-S6008LS2 Datasheet
205Kb / 12P
RoHS Compliant
logo
Inchange Semiconductor ...
S6008LS2 ISC-S6008LS2 Datasheet
281Kb / 3P
isc Thyristors
More results

Similar Description - S6008LS2TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
Excellent unidirectional switches for phase control applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
Excellent unidirectional switches for phase control applications
SXX40R LITTELFUSE-SXX40R Datasheet
906Kb / 8P
Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com