Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705J2 Datasheet(PDF) 31 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 31 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 27Page - Motorola, Inc HC705J2 Datasheet HTML 28Page - Motorola, Inc HC705J2 Datasheet HTML 29Page - Motorola, Inc HC705J2 Datasheet HTML 30Page - Motorola, Inc HC705J2 Datasheet HTML 31Page - Motorola, Inc HC705J2 Datasheet HTML 32Page - Motorola, Inc HC705J2 Datasheet HTML 33Page - Motorola, Inc HC705J2 Datasheet HTML 34Page - Motorola, Inc HC705J2 Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
MOTOROLA
CENTRAL PROCESSOR UNIT
MC68HC705J2
4-12
4.4 Instruction Set
The MCU uses all the instructions available in the M146805 CMOS Family plus
the unsigned multiply (MUL) instruction. The MUL instruction allows unsigned
multiplication of the contents of the accumulator and the index register. The
CPU stores the high-order product in the index register, and the low-order
product in the accumulator.
The MCU instructions fall into the following five categories:
• Register/memory
• Read-modify-write
• Jump/branch
• Bit manipulation
• Control
4.4.1 Register/Memory Instructions
Most of these instructions use two operands.
One operand is in either the
accumulator or the index register. The CPU finds the other operand in memory
using one of the addressing modes. Most register/memory instructions use the
following addressing modes:
• Immediate
• Direct
• Extended
• Indexed, no offset
• Indexed, 8-bit offset
• Indexed, 16-bit offset
Table 4-7 lists the register/memory instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com