Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705J2 Datasheet(PDF) 10 Page - Motorola, Inc

Part # HC705J2
Description  M68HC05 FAMILY OF 8 BIT MICROCONTROLLER UNITS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HC705J2 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button HC705J2 Datasheet HTML 6Page - Motorola, Inc HC705J2 Datasheet HTML 7Page - Motorola, Inc HC705J2 Datasheet HTML 8Page - Motorola, Inc HC705J2 Datasheet HTML 9Page - Motorola, Inc HC705J2 Datasheet HTML 10Page - Motorola, Inc HC705J2 Datasheet HTML 11Page - Motorola, Inc HC705J2 Datasheet HTML 12Page - Motorola, Inc HC705J2 Datasheet HTML 13Page - Motorola, Inc HC705J2 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
MC68HC705J2
INTRODUCTION
MOTOROLA
1-1
SECTION 1
INTRODUCTION
The MC68HC705J2 is a member of the low-cost, high-performance M68HC05
Family of 8-bit microcontroller units (MCUs). The high-density, complementary
metal-oxide semiconductor (HCMOS) M68HC05 Family is based on the
customer-specified integrated circuit (CSIC) design strategy. All MCUs in the
family use the popular M68HC05 central processor unit (CPU) and are
available with a variety of subsystems, memory sizes and types, and package
types.
The MC68HC705J2 is an expansion of the MC68HC05J1 design.
On-chip
memory is enhanced with 2 Kbytes of erasable, programmable ROM (EPROM),
112 Kbytes of RAM, and a bootloader ROM.
1.1 Features
The MCU features include the following:
• Popular M68HC05 CPU
• Memory-Mapped Input/Output (I/O) Registers
• 2064 Bytes of User EPROM Including 16 User Vector Locations
• 112 Bytes of Static RAM (SRAM)
• 14 Bidirectional I/O Pins
• Fully Static Operation With No Minimum Clock Speed
• On-Chip Oscillator With Crystal/Ceramic Resonator Connections
• 15-Bit Multifunction Timer
• Real-Time Interrupt Circuit
• Bootloader ROM
• Power-Saving STOP, WAIT, and Data Retention Modes
• MC68HC05J1 Emulation Mode
• Selectable Edge-Sensitive or Edge- and Level-Sensitive External Interrupt
Trigger
• Selectable Computer Operating Properly (COP) Timer
• 8 × 8 Unsigned Multiply Instruction
• One Time Programmable 20-Pin Dual-in-Line Package (DIP)
• One Time Programmable 20-Pin Small Outline Integrated Circuit (SOIC)
• Windowed 20-Pin Cerdip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com