Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMS99C52 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 20Page - Hynix Semiconductor HMS99C52 Datasheet HTML 21Page - Hynix Semiconductor HMS99C52 Datasheet HTML 22Page - Hynix Semiconductor HMS99C52 Datasheet HTML 23Page - Hynix Semiconductor HMS99C52 Datasheet HTML 24Page - Hynix Semiconductor HMS99C52 Datasheet HTML 25Page - Hynix Semiconductor HMS99C52 Datasheet HTML 26Page - Hynix Semiconductor HMS99C52 Datasheet HTML 27Page - Hynix Semiconductor HMS99C52 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
HMS99C5X Series
20
Jan. 2003 Ver 1.0
SERIAL INTERFACE (USART)
The serial port is full duplex and can operate in four modes (one synchronous mode, three asynchronous modes)
as illustrated in Table 6. The possible baud rates can be calculated using the formulas given in Table 7.
Table 6. USART Operating Modes
Mode
SCON
Baudrate
Description
SM0
SM1
00
0
Serial data enters and exits through RxD.
TxD outputs the shift clock. 8-bit are transmit-
ted/received (LSB first)
1
0
1
Timer 1/2 overflow rate
8-bit UART
10 bits are transmitted (through TxD) or
received (RxD)
21
0
or
9-bit UART
11 bits are transmitted (TxD) or received (RxD)
3
1
1
Timer 1/2 overflow rate
9-bit UART
Like mode 2 except the variable baud rate
Table 7. Formulas for Calculating Baud rates
Baud Rate
derived from
Interface Mode
Baudrate
Oscillator
0
2
Timer 1 (16-bit timer)
(8-bit timer with
8-bit auto reload)
1,3
1,3
Timer 2
1,3
f
OSC
12
------------
f
OSC
32
------------
f
OSC
64
------------
f
OSC
12
------------
2
SMOD
64
------------------
f
OSC
×
2
SMOD
32
------------------
Timer 1 overflow
()
×
2
SMOD
32
------------------
f
OSC
12
256
TH1
()
Ð
[]
×
----------------------------------------------------
×
f
OSC
32
65536
RC2H RC2L
,
()
Ð
[]
×
-----------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com