Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6715MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715MA/NOPB
Description  Dual Wideband Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6715MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMH6715
www.ti.com
SNOSA10C – MAY 2002 – REVISED APRIL 2013
Electrical Characteristics
(1)
AV = +2, RF = 500Ω, VCC = ±5 V, RL = 100Ω; unless otherwise specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
VOUT < 0.5VPP, RF = 300Ω
280
400
MHz
LSBW
-3dB Bandwidth
VOUT < 4.0VPP, RF = 300Ω
170
MHz
Gain Flatness
VOUT < 0.5VPP
GFP
Peaking
DC to 100MHz, RF = 300Ω
0.1
dB
GFR
Rolloff
DC to 100MHz, RF = 300Ω
0.1
dB
LPD
Linear Phase Deviation
DC to 100MHz, RF = 300Ω
0.25
deg
DG
Differential Gain
RL = 150Ω, 4.43MHz
0.02
%
DP
Differential Phase
RL = 150Ω, 4.43MHz
0.02
deg
Time Domain Response
Tr
Rise and Fall Time
0.5V Step
1.4
ns
4V Step
3
ns
Ts
Settling Time to 0.05%
2V Step
12
ns
OS
Overshoot
0.5V Step
1
%
SR
Slew Rate
2V Step
1300
V/
μs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−60
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−75
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1MHz
3.4
nV/
√Hz
IN
Inverting Current
>1MHz
10.0
pA/
√Hz
INN
Non-Inverting Current
>1MHz
1.4
pA/
√Hz
SNF
Noise Floor
>1MHz
−153
dB1Hz
XTLKA
Crosstalk
Input Referred 10MHz
−70
dB
Static, DC Performance
VIO
Input Offset Voltage
±2
±6
mV
±8
DVIO
Average Drift
±30
μV/°C
IBN
Input Bias Current
Non-Inverting
±5
±12
μA
±20
DIBN
Average Drift
±30
nA/°C
IBI
Input Bias Current
Inverting
±6
±21
μA
±35
DIBI
Average Drift
±20
nA/°C
PSRR
Power Supply Rejection Ratio
DC
46
60
dB
44
CMRR
Common Mode Rejection Ratio
DC
50
56
dB
47
ICC
Supply Current per Amplifier
RL = ∞
4.7
5.8
7.6
mA
4.1
8.1
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
1000
k
Ω
CIN
Input Capacitance
Non-Inverting
1.0
pF
ROUT
Output Resistance
Closed Loop
.06
Ω
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Application Section for information on temperature de-rating of this device."
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com