Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6715MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6715MA/NOPB
Description  Dual Wideband Video Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH6715MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6715MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LMH6715
www.ti.com
SNOSA10C – MAY 2002 – REVISED APRIL 2013
APPLICATION SECTION
Figure 27. Non-Inverting Configuration with Power Supply Bypassing
Figure 28. Inverting Configuration with Power Supply Bypassing
Application Introduction
Offered in an 8-pin package for reduced space and cost, the wideband LMH6715 dual current-feedback op amp
provides closely matched DC and AC electrical performance characteristics making the part an ideal choice for
wideband signal processing. Applications such as broadcast quality video systems, IQ amplifiers, filter blocks,
high speed peak detectors, integrators and transimedance amplifiers will all find superior performance in the
LMH6715 dual op amp.
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational amplifier is the ability to maintain optimum frequency
response independent of gain by using appropriate values for the feedback resistor (RF). The Electrical
Characteristics and Typical Performance plots specify an RF of 500Ω, a gain of +2V/V and ±5V power supplies
(unless otherwise specified). Generally, lowering RF from it's recommended value will peak the frequency
response and extend the bandwidth while increasing the value of RF will cause the frequency response to roll off
faster. Reducing the value of RF too far below it's recommended value will cause overshoot, ringing and,
eventually, oscillation.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6715



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com