Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3238EEA-L/TR Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3238EEA-L/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238EEA-L/TR Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3238EEA-L/TR Datasheet HTML 7Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 8Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 9Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 10Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 11Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 12Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 13Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 14Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
11
Figure 15. Circuit for the connectivity of the SP3238E with a DB-9 connector
6. DCE Ready
7. Request to Send
8. Clear to Send
9. Ring Indicator
DB-9 Connector Pins:
1. Received Line Signal Detector
2. Received Data
3. Transmitted Data
4. Data Terminal Ready
5. Signal Ground (Common)
6
7
8
9
1
2
3
4
5
DB-9
Connector
26
VCC
0.1µF
C5
+
VCC
GND
2
To µP Supervisor
Circuit
8
9
11
5kΩ
5kΩ
5kΩ
16
21
20
18
5
6
7
R1OUT
R1IN
R1OUT
R2IN
R3IN
R2OUT
R3OUT
10
12
24
23
22
T1IN
T2OUT
T2IN
T3IN
T3OUT
T1OUT
19
17
T4OUT
T4IN
T5IN
T5OUT
SP3238E
28
25
3
1
27
4
C3
C4
+
+
C1+
C1-
C2+
C2-
V+
V-
+
C2
C1
+
13
14
15
VCC
ONLINE
SHUTDOWN
STATUS
0.1µF
0.1µF
0.1µF
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com