Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3238EEA-L/TR Datasheet(PDF) 13 Page - Exar Corporation

Part # SP3238EEA-L/TR
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238EEA-L/TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP3238EEA-L/TR Datasheet HTML 9Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 10Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 11Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 12Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 13Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 14Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 15Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 16Page - Exar Corporation SP3238EEA-L/TR Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
13
Figure 16.
AUTO ON-LINE® Timing Waveforms
RECEIVER
RS-232 INPUT
VOLTAGES
STATUS
+5V
0V
-5V
tSTSL
tSTSH
tONLINE
VCC
0V
DRIVER
RS-232 OUTPUT
VOLTAGES
0V
+2.7V
-2.7V
S
H
U
T
D
O
W
N
Figure 17. Stage I of
AUTO ON-LINE® Circuitry
RS-232
Receiver Block
RXINACT
Inactive Detection Block
RXIN
RXOUT
R1INACT
R2INACT
R3INACT
R4INACT
R5INACT
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
Delay
Stage
SHUTDOWN
STATUS
Figure 18. Stage II of
AUTO ON-LINE® Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com