Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3997MM-3.3 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3997MM-3.3
Description  Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3997MM-3.3 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3997MM-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Functional Block Diagram
20092908
Pin Descriptions
Pin #
Name
Description
1
CNOISE
Noise bypass pin. For low noise applications a 0.1µF or larger ceramic
capacitor should be connected from this pin to ground
2
DELAY
A capacitor connected from this pin to ground will allow a delayed
power-on-reset signal at the ERROR (pin 7) output.
3
GND
Ground pin. Local ground for C
NOISE and COUT.
4V
IN
Input supply pin. Bypass this with a 1µF capacitor.
5V
OUT
Output voltage, Connect C
OUT between this pin and ground.
6
SENSE
Connect this pin to VOUT (pin 5).
7
ERROR
This open drain output is an error flag output which goes low when V
OUT
drops 5% below it nominal voltage. This pin also provides a power-on-reset
signal if a capacitor is connected to the DELAY pin.
8SD
Shutdown. Disables the regulator when less than 0.4V is applied. Enables the
regulator when greater than 0.9V. The Shutdown pin is pulled down internally
bya6M
Ω resistor.
Connection Diagram
8 Lead MSOP
NS Package Number MUA08A
20092904
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com