Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3997MM-3.3 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3997MM-3.3
Description  Micropower 250mA CMOS LDO Regulator with Error Flag / Power-On-Reset
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3997MM-3.3 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3997MM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP3997MM-3.3 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics. Unless otherwise noted, V
SD =950mV, VIN =VOUT + 1.0V, CIN
= 2.2 µF, I
OUT = 1 mA, COUT = 2.2 µF and CNOISE = 0.1 µF.
Typical values and limits appearing in normal type apply for T
J = 27˚C. Limits appearing in boldface type apply over the full
temperature range for operation, −40 to +125˚C. (Continued)
Line Transient
Line Transient
20092918
20092919
Load Transient
Enable Start-up Time
20092921
20092923
Enable Start-up Time
Short Circuit Current
20092929
20092926
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com