Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT9750WSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9750WSC
Description  6-A Smart Load Switch Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9750WSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9750WSC Datasheet HTML 7Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 8Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 9Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 10Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 11Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 12Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 13Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 14Page - Richtek Technology Corporation RT9750WSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
RT9750
11
DS9750-01 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
disable this protection function by I2C (0x05 bit2). Use
also can set the threshold by I2C (0x11).
Pull Up
TVBUS
3. VBAT Over-Temperature Protection
(TSBAT_OTP)
As below picture, user need to place an external NTC
voltage dived circuit at TSBAT pin. When the voltage of
TSBAT pin is over the threshold, the device will turn off
load switch and set CHG_EN bit to 0. User can enable or
disable this protection function by I2C (0x05 bit1). Use
also can set the threshold by I2C (0x12).
Pull Up
TSBAT
4. IBUS Reverse Current Protection (IBUS_ IREV)
The device implement a reverse current protection function
to turn off load switch when the reverse current is detected
(current flow from VOUT to VBUS). The device set CHG_EN
to “0” when this event is detected. The user can set the
protection level and deglitch time by I2C (0x26 set level,
0x27 set deglitch).
5. Dropout Voltage Protection (VDROP_OVP)
VDROP is the voltage different between VBUS and VOUT.
The device implement two VDROP threshold for user to
set by I2C. One is VDROP_LAM and the other on is
VDROP_OVP. User can use these thresholds to monitor
the health of load switch. When the VDROP_ALM
threshold be triggered the device assert INT pin low to
alert the host. If VDROP_OVP threshold is be triggered
the device will turn off the load switch and set CHG_EN
bit to “0”.
Due to the VDROP_ALM is an alarm signal, user should
set VDROP_OVP threshold higher than VDROP_ALM.
6. Junction Thermal Shutdown (TSHUT_FLT)
The device will turn off load switch and set CHG_EN bit to
“0” if the threshold of junction temperature shutdown is
triggered. If the junction thermal shutdown is triggered
device asserted INT low to alert the host (no mask for
TSHUT_FLT) and also set the TSHUT_FLT bit to “1”.
7. IBUS Over-Current protection (IOC_FLT)
The device monitor the current flow from VBUS to VOUT.
If the current over the threshold the device has two
protection option for user to select by I2C. If user set
OCP_RES bit “0” (blanking mode), the device will turn
off load switch and set CHG_EN to “0” when IBUS current
over IOC threshold. If user set OCP_RES bit “1” (hiccup
mode), load switch is disabled instantaneously, and the
device will attempt to turn on the load switch wait 250μs
to check OCP and turn off every 100ms, up to 7 times
before latching off.
I2C Interface Timing Diagram
The RT9750 acts as an I2C- bus slave. The I2C-bus master
configures the settings for charge mode by sending
command bytes to the RT9750 via the 2-wire7 I2C-bus.
After the START condition the I2C master sends a chip
address. This address is seven bits long followed by an
eighth bit which is a data direction bit(R/W). The second
byte selects the register to which the data will be written.
The third byte contains data to the selected register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com